Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM487E Datasheet(PDF) 13 Page - Analog Devices

Part # ADM487E
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487E Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM487E Datasheet HTML 8Page - Analog Devices ADM487E Datasheet HTML 9Page - Analog Devices ADM487E Datasheet HTML 10Page - Analog Devices ADM487E Datasheet HTML 11Page - Analog Devices ADM487E Datasheet HTML 12Page - Analog Devices ADM487E Datasheet HTML 13Page - Analog Devices ADM487E Datasheet HTML 14Page - Analog Devices ADM487E Datasheet HTML 15Page - Analog Devices ADM487E Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 13 of 16
THEORY OF OPERATION
The ADM485E/ADM487E/ADM1487E are ruggedized RS-485
transceivers that operate from a single 5 V supply. They contain
protection against high levels of electrostatic discharge and are
ideally suited for operation in electrically harsh environments
or where cables can be plugged or unplugged. These devices are
intended for balanced data transmission and comply with TIA/
EIA standards RS-485 and RS-422. They contain a differential
line driver and a differential line receiver and are suitable for
half-duplex data transmission, as the driver and receiver share
the same differential pins.
The input impedance on the ADM485E is 12 kΩ, allowing up
to 32 transceivers on the differential bus. The ADM487E/
ADM1487E are 48 kΩ, allowing up to 128 transceivers on the
differential bus.
CIRCUIT DESCRIPTION
The ADM485E/ADM487E/ADM1487E are operated from
a single 5 V ± 10% power supply. Excessive power dissipation
caused by bus contention or output shorting is prevented by
a thermal shutdown circuit. If, during fault conditions, a sig-
nificant temperature increase is detected in the internal driver
circuitry, this feature forces the driver output into a high
impedance state.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
A high level of robustness is achieved using internal protection
circuitry, eliminating the need for external protection compo-
nents such as tranzorbs or surge suppressors.
Low electromagnetic emissions are achieved using slew-rate-
limited drivers, minimizing both conducted and radiated
interference.
The ADM485E/ADM487E/ADM1487E can transmit at data
rates up to 250 kbps.
A typical application for the ADM485E/ADM487E/ADM1487E
is illustrated in Figure 26, which shows a half-duplex link where
data can be transferred at rates up to 250 kbps. A terminating
resistor is shown at both ends of the link. This termination is
not critical, because the slew rate is controlled by the ADM485E/
ADM487E/ADM1487E and reflections are minimized.
The communications network can be extended to include
multipoint connections, as shown in Figure 29. As many as
32 ADM485E transceivers or 128 ADM487E/ADM1487E
transceivers can be connected to the bus.
ADM485E/
ADM487E/
ADM1487E
ADM485E/
ADM487E/
ADM1487E
RS485/RS-422 LINK
RO
DI
DE
DI
DE
B
A
GND
B
A
GND
RO
0.1µF
0.1µF
5V
5V
VCC
VCC
RE
RE
Figure 26. Typical Half-Duplex Link Application
Table 7 and Table 8 show the truth tables for transmitting and
receiving.
Table 7. Transmitting Truth Table
Transmitting Inputs
Transmitting Outputs
RE
DE
DI
B
A
X1
1
1
0
1
X1
1
0
1
0
0
0
X1
High-Z
High-Z
1
0
X1
High-Z
High-Z
1 X = don’t care.
Table 8. Receiving Truth Table
Receiving Inputs
Receiving Outputs
RE
DE
A to B
RO
0
0
≥ +0.2 V
1
0
0
≤ −0.2 V
0
0
0
Inputs Open Circuit
1
1
0
X1
High-Z
1 X = don’t care.
ESD Transient Protection Scheme
The ADM485E/ADM487E/ADM1487E use protective clamping
structures on their inputs and outputs that clamp the voltage to
a safe level and dissipate the energy present in ESD (electrostatic).
The protection structure achieves ESD protection up to ±15 kV
human body model (HBM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com