Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC192B1R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC192B1R
Description  SYNCHRONOUS UP/DOWN DECADE COUNTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC192B1R Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC192B1R Datasheet HTML 1Page - STMicroelectronics M74HC192B1R Datasheet HTML 2Page - STMicroelectronics M74HC192B1R Datasheet HTML 3Page - STMicroelectronics M74HC192B1R Datasheet HTML 4Page - STMicroelectronics M74HC192B1R Datasheet HTML 5Page - STMicroelectronics M74HC192B1R Datasheet HTML 6Page - STMicroelectronics M74HC192B1R Datasheet HTML 7Page - STMicroelectronics M74HC192B1R Datasheet HTML 8Page - STMicroelectronics M74HC192B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
July 2001
s
HIGH SPEED :
fMAX = 55 MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 192
DESCRIPTION
The
M74HC192
is
an
high
speed
CMOS
SYNCRONOUS
UP/DOWN
DECADE
COUNTERS fabricated with silicon gate C2MOS
technology.
The counter has two separate clock inputs, an UP
COUNT input and a DOWN COUNT input. All
outputs
of
the
flip-flop
are
simultaneously
triggered on the low to high transition of either
clock while the other input is held high. The
direction of counting is determined by which input
is clocked. This counter may be preset by entering
the desired data on the DATA A, DATA B, DATA
C, and DATA D input. When the LOAD input is
taken low the data is loaded independently of
either clock input. This feature allows the counters
to be used as divide-by-n counters by modifying
the count length with the preset inputs. In addition
the
counter
can
also
be
cleared.
This
is
accomplished by inputting a high on the CLEAR
input. All 4 internal stages are set to low
independently of either COUNT input. Both a
BORROW and CARRY output are provided to
enable cascading of both up and down counting
functions. The BORROW output produces a
negative going pulse when the counter underflows
and the CARRY outputs a pulse when the
counters overflows. The counter can be cascaded
by connection the CARRY and BORROW outputs
of one device to the COUNT UP and COUNT
DOWN inputs, respectively, of the next device.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC192
SYNCHRONOUS UP/DOWN DECADE COUNTER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC192B1R
SOP
M74HC192M1R
M74HC192RM13TR
TSSOP
M74HC192TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC192B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC192B1R STMICROELECTRONICS-M74HC192B1R Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
More results

Similar Description - M74HC192B1R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC190 PHILIPS-74HC190 Datasheet
101Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
74HC192 PHILIPS-74HC192 Datasheet
90Kb / 13P
Presettable synchronous BCD decade up/down counter
December 1990
HEF4029B PHILIPS-HEF4029B Datasheet
188Kb / 14P
Synchronous up/down counter, binary/decade counter
January 1995
logo
STMicroelectronics
M54HC192 STMICROELECTRONICS-M54HC192 Datasheet
312Kb / 15P
SYNCHRONOUS UP/DOWN DECADE(,BINARY) COUNTER
Oct-1992
logo
National Semiconductor ...
CD40192BM NSC-CD40192BM Datasheet
141Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter
logo
NXP Semiconductors
74AC11190 PHILIPS-74AC11190 Datasheet
339Kb / 12P
ASYNCHRONOUS PRESETTABLE SYNCHRONOUS DECADE UP/DOWN COUNTER
October 17 1990
logo
Texas Instruments
SN74F168 TI-SN74F168 Datasheet
130Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
SN74F168 TI1-SN74F168_08 Datasheet
155Kb / 10P
SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com