Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R322 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT46R322
Description  A/D with OPA Type 8-Bit OTP MCU
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R322 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT46R322 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R322 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Options
Description
PA0~PA2
PA3/PFD
PA4/TMR
PA5/INT
PA6, PA7
I/O
Pull-high
Wake-up
PA3 or PFD
Bidirectional 8-bit input/output port. Each pin can be configured as wake-up
input by configuration options. Software instructions determine if the pin is a
CMOS output or Schmitt trigger input. Configuration options determine which
pins on the port have pull-high resistors. The PFD, TMR and INT pins are
pin-shared with PA3, PA4 and PA5, respectively.
PB0/AN0
PB1/AN1
PB2/AN2
PB3/AN3
PB4~PB7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. Configuration options determine
which pins on the port have pull-high resistors. Pins PB0~PB3 are pin-shared
with the A/D input pins. The A/D inputs are selected via software instructions.
Once selected as an A/D input, the I/O function and pull-high resistor are dis-
abled automatically.
PC0~PC7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. A configuration option deter-
mines if all pins on the port have pull-high resistors.
PD0/PWM0
PD1/PWM1
PD2
PD3
I/O
Pull-high
PD0 or PWM0
PD1 or PWM1
Bi-directional 4-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. Configuration options determine
which pins on this port have pull-high resistors. PD0/PD1 are pin-shared with
the PWM0/PWM1 outputs selected via configuration option.
PE0~PE7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the
pin is a CMOS output or Schmitt trigger input. A configuration option deter-
mines if all pins on the port have pull-high resistors.
APO
APN
APP
O
I
I
¾
APO, APN and APP are the internal operational amplifier, output pin, nega-
tive input pin and positive input pin respectively .
RES
I
¾
Schmitt trigger reset input. Active low.
VDD
¾¾
Positive power supply
VSS
¾¾
Negative power supply, ground.
OSC1
OSC2
I
O
Crystal
or RC
OSC1, OSC2 are connected to an external RC network or external crystal,
determined by configuration option, for the internal system clock. If the RC
system clock option is selected, pin OSC2 can be used to measure the sys-
tem clock at 1/4 frequency.
HT46R322/HT46R342
Rev. 1.00
3
December 21, 2006
P B 7
P B 6
P B 5
P B 4
P A 3 / P F D
P A 2
P A 1
P A 0
P B 3 / A N 3
P B 2 / A N 2
P B 1 / A N 1
P E 0
P C 7
P C 6
P C 5
P C 4
P C 3
P C 2
P C 1
P C 0
O S C 2
O S C 1
H T 4 6 R 3 2 2 / H T 4 6 R 3 4 2
4 4 Q F P - A
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2
2 3
2 4
2 5
2 6
2 7
2 8
2 9
3 0
3 1
3 2
3 3
3 4
3 5
3 6
3 7
3 8
3 9
4 0
4 1
4 2
4 3
4 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com