Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJ103AX Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BUJ103AX
Description  Silicon Diffused Power Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ103AX Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BUJ103AX Datasheet HTML 2Page - NXP Semiconductors BUJ103AX Datasheet HTML 3Page - NXP Semiconductors BUJ103AX Datasheet HTML 4Page - NXP Semiconductors BUJ103AX Datasheet HTML 5Page - NXP Semiconductors BUJ103AX Datasheet HTML 6Page - NXP Semiconductors BUJ103AX Datasheet HTML 7Page - NXP Semiconductors BUJ103AX Datasheet HTML 8Page - NXP Semiconductors BUJ103AX Datasheet HTML 9Page - NXP Semiconductors BUJ103AX Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
August 1998
5
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ103AX
Fig.13. Reverse bias safe operating area. T
j ≤ Tj max
Fig.14. Test circuit for reverse bias
safe operating area.
V
cl ≤ 1000V; Vcc = 150V; VBB = -5V; LB = 1µH;
L
c = 200µH
Fig.15. Forward bias safe operating area. T
hs ≤ 25 ˚C
(1)
P
tot max and Ptot peak max lines.
(2)
Second breakdown limits.
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
III
Extension during turn-on in single
transistor converters provided that
R
BE ≤ 100 Ω and tp ≤ 0.6 µs.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of the
envelope.
0
100
200
300
400
500
600
700
800
900
0
1
2
3
4
5
6
7
8
9
VCEclamp (V)
IC (A)
1
10
100
1,000
0.001
0.01
0.1
1
10
100
VCEclamp (V)
IC (A)
Icm max
Ic max
I
II
III
(1)
(2)
Duty Cycle = 0.01
tp =
20us
50us
100us
200us
500us
DC
1ms
2ms
LB
IBon
-VBB
LC
T.U.T.
VCC
VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com