Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG60H65FBD7 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STG60H65FBD7
Description  Trench gate field-stop 650 V, 60 A high-speed HB series IGBT die in D7 packing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG60H65FBD7 Datasheet(HTML) 3 Page - STMicroelectronics

  STG60H65FBD7 Datasheet HTML 1Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 2Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 3Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 4Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 5Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 6Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 7Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 8Page - STMicroelectronics STG60H65FBD7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
Electrical ratings
TJ = 25 °C unless otherwise specified.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0 V)
650
V
VGE
Gate-emitter voltage
±20
V
IC(1)
Continuous collector current at T = 100 °C
60
A
ICP(1)(2)
Pulsed collector current
180
A
TJ
Operating junction temperature range
-55 to 175
°C
1. Current level depends on the assembly thermal properties.
2. Pulse width is limited by maximum junction temperature.
STG60H65FBD7
Electrical ratings
DS10879 - Rev 3
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com