Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM185
Description  MICROCIRCUIT DATA SHEET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM185 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM185 Datasheet HTML 1Page - National Semiconductor (TI) LM185 Datasheet HTML 2Page - National Semiconductor (TI) LM185 Datasheet HTML 3Page - National Semiconductor (TI) LM185 Datasheet HTML 4Page - National Semiconductor (TI) LM185 Datasheet HTML 5Page - National Semiconductor (TI) LM185 Datasheet HTML 6Page - National Semiconductor (TI) LM185 Datasheet HTML 7Page - National Semiconductor (TI) LM185 Datasheet HTML 8Page - National Semiconductor (TI) LM185 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Original Creation Date: 08/15/95
Last Update Date: 02/25/03
Last Major Revision Date: 08/15/95
MNLM185B-X REV 0B0
MICROCIRCUIT DATA SHEET
ADJUSTABLE MICROPOWER VOLTAGE REFERENCE
General Description
The LM185B is a micropower 3-terminal adjustable band-gap voltage reference diode.
Operating from 1.24 to 5.3V and over a 10 uA to 20 mA current range, it features
exceptionally low dynamic impedance and good temperature stability. On-chip trimming is
used to provide tight voltage tolerance. Since the LM185B band-gap reference uses only
transistors and resistors, low noise and good long-term stability result.
Careful design of the LM185B has made the device tolerant of capacitive loading, making it
easy to use in almost any reference application. The wide dynamic operating range allows
its use with widely varying supplies with excellent regulation.
The extremely low power drain of the LM185B makes it useful for micropower circuitry. This
voltage reference can be used to make portable meters, regulators or general purpose
analog circuitry with battery life approaching shelf life. Further, the wide operating
current allows it to replace older references with a tighter tolerance part.
NS Part Numbers
LM185BE/883
LM185BH/883
Industry Part Number
LM185B
Prime Die
LM185
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - LM185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185 NSC-LM185 Datasheet
747Kb / 14P
Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
713Kb / 14P
Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
723Kb / 14P
Adjustable Micropower Voltage References
logo
Texas Instruments
LM185 TI2-LM185 Datasheet
963Kb / 27P
LM185/LM285/LM385 Adjustable Micropower Voltage References
REVISED APRIL 2013
logo
National Semiconductor ...
LM185-1.2 NSC-LM185-1.2 Datasheet
698Kb / 11P
Micropower Voltage Reference Diode
More results

Similar Description - LM185

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52223 FREESCALE-MCF52223 Datasheet
834Kb / 56P
Microcontroller Data Sheet
MPC5553 FREESCALE-MPC5553_07 Datasheet
2Mb / 66P
Microcontroller Data Sheet
MPC5533 FREESCALE-MPC5533 Datasheet
1Mb / 50P
Microcontroller Data Sheet
logo
Texas Instruments
5962-9958101QXC TI-5962-9958101QXC Datasheet
53Kb / 17P
MICROCIRCUIT DATA SHEET
logo
List of Unclassifed Man...
AD7890ARZ-10 ETC2-AD7890ARZ-10 Datasheet
122Kb / 17P
STANDARD MICROCIRCUIT DRAWING
logo
Yea Shin Technology Co....
MMBD3004A YEASHIN-MMBD3004A Datasheet
437Kb / 2P
DATA SHEET
logo
Aplus Intergrated Circu...
IVR3K10 APLUS-IVR3K10 Datasheet
342Kb / 11P
Data Sheet
IVR3K21 APLUS-IVR3K21 Datasheet
342Kb / 11P
Data Sheet
IVR3K42 APLUS-IVR3K42 Datasheet
342Kb / 11P
Data Sheet
IVR341N APLUS-IVR341N Datasheet
596Kb / 10P
Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com