Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8630 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8630
Description  36 V, Low Noise, Zero Drift Op Amp
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices AD8630 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
ADA4523-1
Data Sheet
Rev. 0 | Page 16 of 29
5.0
–1.5
040
VS (V)
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5
10
15
20253035
SD = SDCOM = VS/2
ISDCOM AT –55°C
ISD AT –55°C
ISDCOM AT +25°C
ISD AT +25°C
ISDCOM AT +125°C
ISD AT +125°C
Figure 42. SD and SDCOM Currents vs. VS
T
TIME (20µs/DIV)
VS = ±2.5V
G = +1
VIN = 2.8VPEAK
VOUT
VIN
Figure 43. No Phase Reversal
10
0.0001
0.001
40
ISOURCE (mA)
0.001
0.01
0.1
1
0.01
0.1
1
10
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
VS = ±2.5V
Figure 44. VOH vs. ISOURCE for Various Temperatures, VS = ±2.5 V
10
0.0001
0.001
0.01
0.1
1
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
VS = ±15V
0.001
40
ISOURCE (mA)
0.01
0.1
1
10
Figure 45. VOH vs. ISOURCE for Various Temperatures, VS = ±15 V
10
0.001
0.01
0.1
1
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
VS = ±2.5V
0.001
40
ISINK (mA)
0.01
0.1
1
10
Figure 46. VOL vs. ISINK for Various Temperatures, VS = ±2.5 V
10
0.001
0.01
0.1
1
–55°C
–40°C
0°C
+25°C
+85°C
+125°C
+150°C
VS = ±15V
0.001
40
ISINK (mA)
0.01
0.1
1
10
Figure 47. VOL vs. ISINK for Various Temperatures, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com