Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21XV2 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS21XV2
Description  High Voltage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21XV2 Datasheet(HTML) 2 Page - ON Semiconductor

  BAS21XV2 Datasheet HTML 1Page - ON Semiconductor BAS21XV2 Datasheet HTML 2Page - ON Semiconductor BAS21XV2 Datasheet HTML 3Page - ON Semiconductor BAS21XV2 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAS21XV2
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 200 Vdc)
(VR = 200 Vdc, TJ = 150°C)
IR
0.01
10
0.1
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
V(BR)
250
−
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
−
−
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CD
−
5.0
pF
Reverse Recovery Time
(IF = IR = 30 mAdc, RL = 100 W)
trr
−
50
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at iR(REC) = 3.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com