Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFMA2P029Z Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDFMA2P029Z
Description  P-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDFMA2P029Z Datasheet(HTML) 1 Page - ON Semiconductor

  FDFMA2P029Z Datasheet HTML 1Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 2Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 3Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 4Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 5Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 6Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 7Page - ON Semiconductor FDFMA2P029Z Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2008
February, 2022 − Rev. 3
1
Publication Order Number:
FDFMA2P029Z/D
MOSFET – P-Channel,
POWERTRENCH) Integrated
with Schottky Diode
-20 V, -3.1 A, 95 m
W
FDFMA2P029Z,
FDFMA2P029Z-F106
General Description
This device is designed specifically as a single package solution for
the battery charge switch in cellular handset and other ultra−portable
applications. It features a MOSFET with very low on−state resistance
and an independently connected low forward voltage schottky diode
allows for minimum conduction losses.
The MicroFET
t 2X2 package offers exceptional thermal
performance for its physical size and is well suited to linear mode
applications.
Features
MOSFET
• Max rDS(on) = 95 mW at VGS = –4.5 V, ID = –3.1 A
• Max rDS(on) = 141 mW at VGS = –2.5 V, ID = –2.5 A
• HBM ESD Protection Level > 2.5 kV (Note 1)
Schottky
• VF < 0.37 V @ 500 mA
• Low Profile − 0.8 mm Maximum − In the New Package MicroFET
2x2 mm
• These Devices are Pb−Free and are RoHS Compliant
NOTE:
1. The diode connected between the gate and source serves only
protection against ESD. No gate overvoltage rating is implied.
−20 V
−3.1 A
SCHOTTKY DIODE
MARKING DIAGRAM
See detailed ordering and shipping information on page 6 of
this data sheet.
ORDERING INFORMATION
20 V
141 mW @ −2.5 V
95 mW @ −4.5 V
2 A
rDS(on) MAX
0.37 V @ 500 mA
ID MAX
VDS MAX
MOSFET
VRRM MAX
IO MAX
VF MAX
WDFN6 2x2, 0.65P
MicroFET
CASE 511DA
&Z&2&K
P29
&Z = Assembly Plant Code
&2 = 2−Digit Date Code
&K = 2−Digits Lot Run Traceability Code
P29 = Device Code
A
NC
D
C
G
S
D
C
Pin 1
PIN CONNECTIONS
1
3
2
4
5
6
A
NC
D
C
G
S


Similar Part No. - FDFMA2P029Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
412Kb / 8P
Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.1A, 95mohm
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z Datasheet
304Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z_08 Datasheet
304Kb / 8P
Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
More results

Similar Description - FDFMA2P029Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com