Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF1504L Datasheet(PDF) 2 Page - ON Semiconductor

Part # FPF1504L
Description  Advanced Load Management Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF1504L Datasheet(HTML) 2 Page - ON Semiconductor

  FPF1504L Datasheet HTML 1Page - ON Semiconductor FPF1504L Datasheet HTML 2Page - ON Semiconductor FPF1504L Datasheet HTML 3Page - ON Semiconductor FPF1504L Datasheet HTML 4Page - ON Semiconductor FPF1504L Datasheet HTML 5Page - ON Semiconductor FPF1504L Datasheet HTML 6Page - ON Semiconductor FPF1504L Datasheet HTML 7Page - ON Semiconductor FPF1504L Datasheet HTML 8Page - ON Semiconductor FPF1504L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FPF1504 / FPF1504L
www.onsemi.com
2
ORDERING INFORMATION
Part Number
Top Mark
Switch (Typical)
At 1.8 VIN
Input Buffer
Output
Discharge
ON Pin
Activity
Package
FPF1504UCX
G4
20 mW
CMOS
YES
Active HIGH
4−Ball, WLCSP,
0.5 mm Pitch
FPF1504BUCX
G4
20 mW
CMOS
YES
Active HIGH
4−Ball, WLCSP with
Backside Laminate,
0.5 mm Pitch
FPF1504LUCX
GZ
20 mW
CMOS
YES
Active LOW
4−Ball, WLCSP,
0.5 mm Pitch
FPF1504LBUCX
GZ
20 mW
CMOS
YES
Active LOW
4−Ball, WLCSP with
Backside Laminate,
0.5 mm Pitch
Application Diagram
Figure 2. Typical Application
To Load
CIN
COUT
VOUT
VIN
ON
GND
1. CIN =1 mF, X5R, 0603, for example Murata GRM185R60J105KE26.
2. COUT = 1 mF, X5R, 0805, for example Murata GRM216R61A105KA01.
NOTES:
Pin Configurations
Figure 3. 1 x 1 mm WLCSP Bumps Facing Down
VOUT
VIN
VIN
VOUT
GND
ON
ON
GND
Figure 4. 1 x 1 mm WLCSP Bumps Facing Up
Figure 5. Pin Assignments (Top View)
Figure 6. Pin Assignments (Bottom View)
A1
A2
B1
B2
A1
A2
B1
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com