Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDMIULC6-4SC6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # HDMIULC6-4SC6
Description  Ultra large bandwidth ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMIULC6-4SC6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button HDMIULC6-4SC6 Datasheet HTML 3Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 4Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 5Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 6Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 7Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 8Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 9Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 10Page - STMicroelectronics HDMIULC6-4SC6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
HDMIULC6-4SC6
Technical information
9/11
Figure 15.
Analog crosstalk measurements
Figure 15 gives the measurement circuit for the analog application. In usual frequency range
of analog signals (up to 240 MHz) the effect on disturbed line is less than -45 dB (see
Figure 16).
Figure 16.
Analog crosstalk results
As the HDMIULC6-4SC6 is designed to protect high speed data lines, it must ensure a good
transmission of operating signals. The frequency response (Figure 4.) gives attenuation
information and shows that the HDMIULC6-4SC6 is well suitable for data line transmission
up to 3.2 Gb/s.
NETWORK ANALYSER
PORT 2
NETWORK ANALYSER
PORT 1
TEST BOARD
Vbus
100.0k
1.0M
10.0M
100.0M
1.0G
- 120.00
- 90.00
- 60.00
- 30.00
0.00
dB
F (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com