Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7705201FC Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 7705201FC
Description  Single 8-Ch/Differential 4-Ch CMOS Analog Multiplexers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

7705201FC Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 7705201FC Datasheet HTML 3Page - Vishay Siliconix 7705201FC Datasheet HTML 4Page - Vishay Siliconix 7705201FC Datasheet HTML 5Page - Vishay Siliconix 7705201FC Datasheet HTML 6Page - Vishay Siliconix 7705201FC Datasheet HTML 7Page - Vishay Siliconix 7705201FC Datasheet HTML 8Page - Vishay Siliconix 7705201FC Datasheet HTML 9Page - Vishay Siliconix 7705201FC Datasheet HTML 10Page - Vishay Siliconix 7705201FC Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DG508A_MIL/509A_MIL
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
5-8
Document Number: 70067
S-00405—Rev. C, 21-Feb-00
TEST CIRCUITS
FIGURE 4. Break-Before-Make Interval
50%
80%
Logic
Input
Switch
Output
VO
VS
tOPEN
tr <20 ns
tf <20 ns
0 V
3 V
0 V
EN
V+
GND
V–
+5 V
35 pF
–15 V
+15 V
+2.4 V
A2
Db, D
All S and Da
300
W
VO
50
W
A1
A0
DG508A_MIL
DG509A_MIL
FIGURE 5. Charge Injection
A0
EN
A1
A2
VO
V+
GND
V–
D
–15 V
+15 V
Vg
Rg
SX
CL
10 nF
Channel
Select
3 V
0 V
OFF
ON
Logic
Input
Switch
Output
DVO
DVO is the measured voltage due to charge transfer
error Q, when the channel turns off.
Q = CL x DVO
OFF
FIGURE 6. Off Isolation
RL
1 k
W
VO
V+
GND
V–
–15 V
+15 V
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 W
Off Isolation = 20 log
VOUT
VIN
VIN
FIGURE 7. Crosstalk
RL
1 k
W
VO
V+
GND
V–
–15 V
+15 V
A2
D
A1
A0
S8
SX
VS
EN
Rg = 50 W
Crosstalk = 20 log
VOUT
VIN
VIN
S1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com