Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD16856GS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPD16856GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD16856GS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPD16856GS Datasheet HTML 4Page - Renesas Technology Corp UPD16856GS Datasheet HTML 5Page - Renesas Technology Corp UPD16856GS Datasheet HTML 6Page - Renesas Technology Corp UPD16856GS Datasheet HTML 7Page - Renesas Technology Corp UPD16856GS Datasheet HTML 8Page - Renesas Technology Corp UPD16856GS Datasheet HTML 9Page - Renesas Technology Corp UPD16856GS Datasheet HTML 10Page - Renesas Technology Corp UPD16856GS Datasheet HTML 11Page - Renesas Technology Corp UPD16856GS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
6
µµµµPD16856
Data Sheet S13447EJ1V0DS00
TOTAL POWER DISSIPATION VS. AMBIENT TEMPERATURE CHARACTERISTICS
Remark
It is possible to apply a maximum of 1 W of power when the ambient temperature is 25
°C or lower.
When the ambient temperature is higher than 25
°C, derate based on the above chart.
It is possible to apply 0.6 W to the IC when the ambient temperature is 75
°C, which is within recommended
ambient temperature conditions.
25˚C
75˚C
1.0 W
125˚C/W
While mounted on a 100 mm
×
100 mm
× 1.0 mm glass epoxy board
PT vs. TA Characteristics
Ambient temperature TA (˚C)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–20
0
25
50
75
100
125
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com