Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74LS123N Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS123N
Description  Dual Retriggerable One-Shot with Clear and Complementary Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS123N Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74LS123N Datasheet HTML 1Page - National Semiconductor (TI) DM74LS123N Datasheet HTML 2Page - National Semiconductor (TI) DM74LS123N Datasheet HTML 3Page - National Semiconductor (TI) DM74LS123N Datasheet HTML 4Page - National Semiconductor (TI) DM74LS123N Datasheet HTML 5Page - National Semiconductor (TI) DM74LS123N Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF6386
March 1991
DM74LS123 Dual Retriggerable One-Shot
with Clear and Complementary Outputs
General Description
The DM74LS123 is a dual retriggerable monostable multivi-
brator capable of generating output pulses from a few nano-
seconds to extremely long duration up to 100% duty cycle
Each device has three inputs permitting the choice of either
leading edge or trailing edge triggering Pin (A) is an active-
low transition trigger input and pin (B) is an active-high tran-
sition trigger input The clear (CLR) input terminates the out-
put pulse at a predetermined time independent of the timing
components The clear input also serves as a trigger input
when it is pulsed with a low level pulse transition (
) To
obtain the best trouble free operation from this device
please read the operating rules as well as the NSC one-shot
application notes carefully and observe recommendations
Features
Y
DC triggered from active-high transition or active-low
transition inputs
Y
Retriggerable to 100% duty cycle
Y
Compensated for VCC and temperature variations
Y
Triggerable from CLEAR input
Y
DTL TTL compatible
Y
Input clamp diodes
Functional Description
The basic output pulse width is determined by selection of
an external resistor (RX) and capacitor (CX) Once triggered
the basic pulse width may be extended by retriggering the
gated active-low transition or active-high transition inputs or
be reduced by use of the active-low or CLEAR input Retrig-
gering to 100% duty cycle is possible by application of an
input pulse train whose cycle time is shorter than the output
cycle time such that a continuous ‘‘HIGH’’ logic state is
maintained at the ‘‘Q’’ output
Connection Diagram
Dual-In-Line Package
TLF6386 – 1
Order Number DM74LS123M or DM74LS123N
See NS Package Number M16A or N16E
Function Table
Inputs
Outputs
CLEAR
A
B
Q
Q
LX
X
L
H
XH
X
L
H
XX
L
L
H
HL
u
H
v
H
u
LH
H e High Logic Level
L e Low Logic Level
X e Can Be Either Low or High
u e Positive Going Transition
v e Negative Going Transition
e
A Positive Pulse
e
A Negative Pulse
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74LS123N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74LS123N FAIRCHILD-DM74LS123N Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123NX FAIRCHILD-DM74LS123NX Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
More results

Similar Description - DM74LS123N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54121 NSC-54121 Datasheet
128Kb / 6P
One-Shot with Clear and Complementary Outputs
DM54123 NSC-DM54123 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
DM74123 FAIRCHILD-DM74123 Datasheet
56Kb / 5P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS123 FAIRCHILD-DM74LS123 Datasheet
96Kb / 8P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
DM74LS221 FAIRCHILD-DM74LS221 Datasheet
108Kb / 8P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS122 NSC-DM74LS122 Datasheet
129Kb / 6P
DM74LS122 Retriggerable One-Shot with Clear and Complementary Outputs
54123 NSC-54123 Datasheet
157Kb / 4P
DUAL RETRIGGERABLE ONE-SHOP WITH CLEAR AND COMPLEMENTARY OUTPUTS
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121_01 Datasheet
71Kb / 5P
One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74LS221 NSC-DM74LS221 Datasheet
142Kb / 6P
Dual Non-Retriggerable One-Shot with Clear and Complementary Outputs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com