Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80RIA Datasheet(PDF) 2 Page - International Rectifier

Part # 80RIA
Description  PHASE CONTROL THYRISTORS Stud Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

80RIA Datasheet(HTML) 2 Page - International Rectifier

  80RIA Datasheet HTML 1Page - International Rectifier 80RIA Datasheet HTML 2Page - International Rectifier 80RIA Datasheet HTML 3Page - International Rectifier 80RIA Datasheet HTML 4Page - International Rectifier 80RIA Datasheet HTML 5Page - International Rectifier 80RIA Datasheet HTML 6Page - International Rectifier 80RIA Datasheet HTML 7Page - International Rectifier 80RIA Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
80RIA Series
2
Bulletin I25201 rev. B 03/03
www.irf.com
I
T(AV)
Max. average on-state current
80
A
180° conduction, half sine wave
@ Case temperature
85
°C
I
T(RMS)
Max. RMS on-state current
125
A
DC @ 75°C case temperature
I
TSM
Max. peak, one-cycle
1900
t = 10ms
No voltage
non-repetitive surge current
1990
t = 8.3ms
reapplied
1600
t = 10ms
100% V
RRM
1675
t = 8.3ms
reapplied
Sinusoidal half wave,
I
2t
Maximum I
2t for fusing
18
t = 10ms
No voltage
Initial T
J
= T
J
max.
16
t = 8.3ms
reapplied
12.7
t = 10ms
100% V
RRM
11.7
t = 8.3ms
reapplied
I
2
√t
Maximum I2
√t for fusing
180.5
KA
2
√s
t = 0.1 to 10ms, no voltage reapplied
V
T(TO)1
Low level value of threshold
voltage
V
T(TO)
2
High level value of threshold
voltage
r
t1
Low level value of on-state
slope resistance
r
t2
High level value of on-state
slope resistance
V
TM
Max. on-state voltage
1.60
V
I
pk
= 250A, T
J
= 25°C t
p
= 10ms sine pulse
I
H
Maximum holding current
200
I
L
Typical latching current
400
0.99
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
2.29
(16.7% x
π x I
T(AV)
< I <
π x I
T(AV)
), T
J
= T
J
max.
1.84
(I >
π x I
T(AV)
),T
J
= T
J
max.
Parameter
80RIA
Units
Conditions
1.13
(I >
π x I
T(AV)
),T
J
= T
J
max.
On-state Conduction
KA
2s
m
Ω
V
A
mA
T
J
= 25°C, anode supply 12V resistive load
ELECTRICAL SPECIFICATIONS
Voltage Ratings
Voltage
VDRM/VRRM, max. repetitive
VRSM , maximum non-
IDRM/IRRM max.
Type number
Code
peak and off-state voltage
repetitive peak voltage
@ TJ = 125°C
VV
mA
40
400
500
80RIA
80
800
900
15
120
1200
1300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com