| Electronic Components Datasheet Search |
|
CD74ACT174EE4 Datasheet(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD74ACT174EE4 Datasheet(HTML) 4 Page - Texas Instruments |
|
4 / 10 page ![]() CD54ACT174, CD74ACT174 HEX D-TYPE FLIP-FLOPS WITH CLEAR SCHS344 – APRIL 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) –55 °C to 125 °C –40 °C to 85 °C UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX fmax 80 91 MHz tPLH CLK Any Q 3.5 14 3.6 12.6 ns tPHL CLK Any Q 3.5 14 3.6 12.6 ns tPLH CLR Any Q 3.9 15.5 4 14.1 ns tPHL CLR Any Q 3.9 15.5 4 14.1 ns operating characteristics, VCC = 5 V, TA = 25°C PARAMETER TYP UNIT Cpd Power dissipation capacitance 37 pF |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |