Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD22100GS Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD22100GS
Description  MOS INTEGRATED CIRCUIT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD22100GS Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD22100GS Datasheet HTML 1Page - Renesas Technology Corp UPD22100GS Datasheet HTML 2Page - Renesas Technology Corp UPD22100GS Datasheet HTML 3Page - Renesas Technology Corp UPD22100GS Datasheet HTML 4Page - Renesas Technology Corp UPD22100GS Datasheet HTML 5Page - Renesas Technology Corp UPD22100GS Datasheet HTML 6Page - Renesas Technology Corp UPD22100GS Datasheet HTML 7Page - Renesas Technology Corp UPD22100GS Datasheet HTML 8Page - Renesas Technology Corp UPD22100GS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
©
1987
DATA SHEET
MOS INTEGRATED CIRCUIT
The
µPD22100 consists of 16 crosspoint switches organized in 4 rows and 4 columns, and the µPD22148 consists
of 32 crosspoint switches organized in 4 row and 8 columns. Any of the 16 or 32 switches can be selected by applying
appropriate address. The selected crosspoint turns on if during strobe and data In are high and turns off if during
strobe and data In are low.
FEATURES
µPD22100
µPD22148
• 4 × 4 CROSSPOINT SWITCHES
• 4 × 8 CROSSPOINT SWITCHES
• INTERNAL POWER ON RESET FUNCTION
• Including the Level Shifter Circuit
• Low ON-RESISTANCE
• Low ON-RESISTANCE
60
Ω Typ. (VDD = 15 V)
60
Ω Typ. (VDD = 15 V)
• Wide operating temperature Range
• Wide operating temperature Range
−40 °C to +85 °C
−40 °C to +85 °C
ORDERING INFORMATION
Part Number
Package
µPD22100C
16 pin plastic DIP (300 mil)
µPD22100GS
16 pin plastic SOP (300 mil)
µPD22148CA
22 pin plastic shrink DIP (300 mil)
TRUTH TABLE
µPD22100
µPD22100, 22148
Document No. IC-2128 (1st edition)
Date Published March 1997 P
Printed in Japan
CROSSPOINT SWITCH WITH CONTROL MEMORY
CMOS IC
INPUT
S
SELECTED CHANNELS
D C B A
DATA
Y2
L
H
H
H
H
H
H
H
H
H
H
X
L
L
L
L
L
L
L
L
H
H
X
L
L
L
L
L
L
L
L
H
H
X
L
L
L
L
H
H
H
H
H
H
X
L
L
H
H
L
L
H
H
H
H
X
L
H
L
H
L
H
L
H
L
H
Y2
Y2
Y3
Y0
NC
OFF
ON
NC
NC
NC
NC
NC
NC
NC
NC
Y0
NC
NC
OFF
ON
Y0
Y0
Y3
Y1
Y1
Y1
Y1
Y2
Y3
Y3
X1
X2
X3
X0
X0
X1
X2
X3
X1
X0
X1
X2
X3
X0
X2
X3
OFF
ON
NC
NC
OFF
ON
NC
NC
OFF
ON
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com