Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT02 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT02
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT02 Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT02 Datasheet HTML 1Page - Texas Instruments CD74ACT02 Datasheet HTML 2Page - Texas Instruments CD74ACT02 Datasheet HTML 3Page - Texas Instruments CD74ACT02 Datasheet HTML 4Page - Texas Instruments CD74ACT02 Datasheet HTML 5Page - Texas Instruments CD74ACT02 Datasheet HTML 6Page - Texas Instruments CD74ACT02 Datasheet HTML 7Page - Texas Instruments CD74ACT02 Datasheet HTML 8Page - Texas Instruments CD74ACT02 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CD54ACT02, CD74ACT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCHS309B – JANUARY 2001 – REVISED MAY 2002
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Inputs Are TTL-Voltage Compatible
D Speed of Bipolar F, AS, and S, With
Significantly Reduced Power Consumption
D Balanced Propagation Delays
D ±24-mA Output Drive Current
– Fanout to 15 F Devices
D SCR-Latchup-Resistant CMOS Process and
Circuit Design
D Exceeds 2-kV ESD Protection Per
MIL-STD-883, Method 3015
description
The ’ACT02 devices contain four independent 2-input NOR gates that perform the Boolean function Y = A
S B
or Y = A + B in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – E
Tube
CD74ACT02E
CD74ACT02E
55
°Cto125°C
SOIC
M
Tube
CD74ACT02M
ACT02M
–55
°C to 125°C
SOIC – M
Tape and reel
CD74ACT02M96
ACT02M
CDIP – F
Tube
CD54ACT02F3A
CD54ACT02F3A
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
X
L
X
HL
L
L
H
logic diagram (positive logic)
2
1A
3
1B
1Y
1
8
3A
9
3B
3Y
10
5
2A
6
2B
2Y
4
11
4A
12
4B
4Y
13
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1Y
1A
1B
2Y
2A
2B
GND
VCC
4Y
4B
4A
3Y
3B
3A
CD54ACT02 ...F PACKAGE
CD74ACT02 ...E OR M PACKAGE
(TOP VIEW)
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CD74ACT02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT02 TI-CD74ACT02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
CD74ACT02 TI1-CD74ACT02 Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD74ACT02 TI2-CD74ACT02 Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
REVISED MAY 2002
CD74ACT02-MIL TI1-CD74ACT02-MIL Datasheet
871Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
CD74ACT02BQAR TI2-CD74ACT02BQAR Datasheet
1Mb / 24P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
REVISED MAY 2002
More results

Similar Description - CD74ACT02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54L02 TI-SN54L02 Datasheet
310Kb / 6P
Quadruple 2-input positive-nor gates
CD54AC02 TI-CD54AC02 Datasheet
480Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com