Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74ACT02E Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD74ACT02E
Description  QUADRUPLE 2-INPUT POSITIVE-NOR GATES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT02E Datasheet(HTML) 3 Page - Texas Instruments

  CD74ACT02E Datasheet HTML 1Page - Texas Instruments CD74ACT02E Datasheet HTML 2Page - Texas Instruments CD74ACT02E Datasheet HTML 3Page - Texas Instruments CD74ACT02E Datasheet HTML 4Page - Texas Instruments CD74ACT02E Datasheet HTML 5Page - Texas Instruments CD74ACT02E Datasheet HTML 6Page - Texas Instruments CD74ACT02E Datasheet HTML 7Page - Texas Instruments CD74ACT02E Datasheet HTML 8Page - Texas Instruments CD74ACT02E Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CD54ACT02, CD74ACT02
QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SCHS309B – JANUARY 2001 – REVISED MAY 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ACT INPUT LOAD TABLE
INPUT
UNIT LOAD
A or B
0.32
Unit load is
∆ICC limit specified
in
electrical
characteristics
table (e.g., 2.4 mA at 25
°C).
switching
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 5 V ± 0.5 V, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40
°C TO
85
°C
–55
°C TO
125
°C
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tPLH
AorB
Y
3.1
11.1
3.1
12.2
ns
tPHL
A or B
Y
3.1
11.1
3.1
12.2
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
55
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com