Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV911IDT Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSV911IDT
Description  Rail-to-rail input/output 8MHz operational amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911IDT Datasheet(HTML) 4 Page - STMicroelectronics

  TSV911IDT Datasheet HTML 1Page - STMicroelectronics TSV911IDT Datasheet HTML 2Page - STMicroelectronics TSV911IDT Datasheet HTML 3Page - STMicroelectronics TSV911IDT Datasheet HTML 4Page - STMicroelectronics TSV911IDT Datasheet HTML 5Page - STMicroelectronics TSV911IDT Datasheet HTML 6Page - STMicroelectronics TSV911IDT Datasheet HTML 7Page - STMicroelectronics TSV911IDT Datasheet HTML 8Page - STMicroelectronics TSV911IDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute maximum ratings & operating conditions
TSV911-TSV912-TSV914
4/18
2
Absolute maximum ratings & operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage are with respect to network ground terminal.
6
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage (3)
3.
Vcc-Vin must not exceed 6V.
VDD-0.2 to VCC+0.2
V
Tstg
Storage temperature
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4) (5)
4.
Short-circuits can cause excessive heating and destructive dissipation.
5.
Rth are typical values.
-
°C/W
SOT23-5
250
SO-8
125
MiniSO-8
190
SO-14
103
TSSOP14
100
Rthjc
Thermal resistance junction to case
-
°C/W
SOT23-5
81
SO-8
40
MiniSO8
39
SO14
31
TSSOP14
32
Tj
Maximum junction temperature
150
°C
ESD
HBM: human body model(6)
6.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
5
kV
MM: machine model(7)
7.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
300
V
CDM: charged device model(8)
8.
Charge device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Latch-up immunity
200
mA
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.5 to 5.5
V
Vicm
Common mode input voltage range
VDD -0.1 to VCC +0.1
V
Toper
Operating free air temperature range
-40 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com