Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV255X Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV255X
Description  ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV255X Datasheet(HTML) 2 Page - Texas Instruments

  TLV255X Datasheet HTML 1Page - Texas Instruments TLV255X Datasheet HTML 2Page - Texas Instruments TLV255X Datasheet HTML 3Page - Texas Instruments TLV255X Datasheet HTML 4Page - Texas Instruments TLV255X Datasheet HTML 5Page - Texas Instruments TLV255X Datasheet HTML 6Page - Texas Instruments TLV255X Datasheet HTML 7Page - Texas Instruments TLV255X Datasheet HTML 8Page - Texas Instruments TLV255X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2252 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
TSSOP‡
(PW)
CERAMIC
FLATPACK
(U)
−40
°C to 125°C
850
µV
TLV2252AID
—
—
TLV2252AIP
TLV2252AIPWLE
—
−40
°C to 125°C
850
µV
1500
µV
TLV2252AID
TLV2252ID
—
—
—
—
TLV2252AIP
TLV2252IP
TLV2252AIPWLE
—
—
—
−40
°C to 125°C
850
µV
TLV2252AQD
—
—
—
—
—
−40
°C to 125°C
850
µV
1500
µV
TLV2252AQD
TLV2252QD
—
—
—
—
—
—
—
—
—
—
−55
°C to 125°C
850
µV
1500
µV
—
—
TLV2252AMFK
TLV2252MFK
TLV2252AMJG
TLV2252MJG
—
—
—
—
TLV2252AMU
TLV2252MU
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2252CDR).
‡ The PW package is available only left-end taped and reeled.
§ Chips are tested at 25°C.
TLV2254 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE†
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(J)
PLASTIC
DIP
(N)
TSSOP‡
(PW)
CERAMIC
FLATPACK
(W)
−40
°C to 125°C
850
µV
TLV2254AID
—
—
TLV2254AIN
TLV2254AIPWLE
—
−40
°C to 125°C
850
µV
1500
µV
TLV2254AID
TLV2254ID
—
—
—
—
TLV2254AIN
TLV2254IN
TLV2254AIPWLE
—
—
—
−40
°C to 125°C
850
µV
TLV2254AQD
—
—
—
—
—
−40
°C to 125°C
850
µV
1500
µV
TLV2254AQD
TLV2254QD
—
—
—
—
—
—
—
—
—
—
−55
°C to 125°C
850
µV
1500
µV
—
—
TLV2254AMFK
TLV2254MFK
TLV2254AMJ
TLV2254MJ
—
—
—
—
TLV2254AMW
TLV2254MW
† The D packages are available taped and reeled. Add R suffix to device type (e.g., TLV2254CDR).
‡ The PW package is available only left-end taped and reeled.
§ Chips are tested at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com