Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8044 Datasheet(PDF) 3 Page - ON Semiconductor

Part # AND8044
Description  Single-Channel 1206A ChipFET TM Power MOSFET Recommended Pad Pattern and Thermal Performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8044 Datasheet(HTML) 3 Page - ON Semiconductor

  AND8044 Datasheet HTML 1Page - ON Semiconductor AND8044 Datasheet HTML 2Page - ON Semiconductor AND8044 Datasheet HTML 3Page - ON Semiconductor AND8044 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AND8044/D
http://onsemi.com
3
10–5
120
10–2
10–3
10–4
0
Figure 5. Single 1206A ChipFET
160
Single EVB
Min. Footprint
TIME (Secs)
40
80
10–1
1
10
100
1000
1” Square PCB
SUMMARY
The thermal results for the single–channel 1206A
ChipFET package display similar power dissipation
performance to the SO–8 with a footprint reduction of 80%.
Careful design of the package has allowed for this
performance to be achieved. The short leads allow the die
size to be maximized and thermal resistance to be reduced
within the confines of the TSOP–6 body size.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com