Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2954-33-AA3-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LM2954-33-AA3-R
Description  300 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-33-AA3-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LM2954-33-AA3-R Datasheet HTML 1Page - Unisonic Technologies LM2954-33-AA3-R Datasheet HTML 2Page - Unisonic Technologies LM2954-33-AA3-R Datasheet HTML 3Page - Unisonic Technologies LM2954-33-AA3-R Datasheet HTML 4Page - Unisonic Technologies LM2954-33-AA3-R Datasheet HTML 5Page - Unisonic Technologies LM2954-33-AA3-R Datasheet HTML 6Page - Unisonic Technologies LM2954-33-AA3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R102-002.E
APPLICATION CIRCUIT (10A Low Dropout Regulator)
For 8 Pins
+VIN
FB
VOUT
GND
SD
UTC LM2954
8
5
7
1
4
3
CURRENT LIMIT
SECTION
+VIN=VOUT+0.5V
0.05Ω
470Ω
680Ω
4.7MΩ
20kΩ
220Ω
0.033μF
47Ω
R1
R2
4.7 μF
100μF
1%
10kΩ
2N3906
+VOUT 10 A
VOUT=1.23V*(1+R1/R2)
For 5V output use internal resistors.Wire pin 6 to 7 and wire pin 2 to +VOUT
UTC
D65H0
ERROR
For 3 Pins
UTC LM2954-3.3
UTC LM2954-5.0
VIN
VOUT
1
µF
1
µF
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com