Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2954-33-D08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # LM2954-33-D08-R
Description  300 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-33-D08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  LM2954-33-D08-R Datasheet HTML 1Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 2Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 3Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 4Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 5Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 6Page - Unisonic Technologies LM2954-33-D08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
LM2954
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 7
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R102-002.E
300 mA LOW-DROPOUT
VOLTAGE REGULATOR
DESCRIPTION
The UTC LM2954 is a monolithic integrated voltage regulator
with low dropout voltage, and low quiescent current. It includes
many features that suitable for different applications with TO-92,
DIP-8, SOP-8 and SOT-223 packages.
FEATURES
*High accuracy fixed output.
*Output voltage programmable and Logic controlled shutdown and
error flag available for DIP and SOP package.
*Extremely low quiescent current and dropout voltage.
*Extremely tight load and line regulation.
*Current and thermal limiting.
*Very low temperature coefficient.
TO-92
SOP- 8
DIP-8
1
SOT-223
1
*Pb-free plating product number: LM2954L
ORDERING INFORMATION
Order Number
Pin assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
LM2954-xx-AA3-R
LM2954L-xx-AA3-R
SOT-223
I
G
O
Tape Reel
LM2954-xx-D08-T
LM2954L-xx-D08-T
DIP-8
Tube
LM2954-xx-S08-R
LM2954L-xx-S08-R
SOP-8
Tape Reel
LM2954-xx-S08-T
LM2954L-xx-S08-T
SOP-8
refer to Pin
Configurations
Tube
LM2954-xx-T92-B
LM2954L-xx-T92-B
TO-92
O
G
I
Tape Box
LM2954-xx-T92-K
LM2954L-xx-T92-K
TO-92
O
G
I
Bulk
Note: 1. Pin assignment: I:Vin
O:Vout
G:Ground
2.xx: Output Voltage
LM2954L-xx-AA3-R
(1)Packing Type
(2)Package Type
(4)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube
(2) AA3: SOT-223, D08: DIP-08, S08: SOP-8,
T 92: TO-92
(4) L: Lead Free Plating, Blank: Pb/Sn
(3)Output Voltage Code
(3) xx: 3.3V:33, 5.0V:50, ADJ:AD


Similar Part No. - LM2954-33-D08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2954-XX-AA3-R UTC-LM2954-XX-AA3-R Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-D08-T UTC-LM2954-XX-D08-T Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-S08-R UTC-LM2954-XX-S08-R Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-S08-T UTC-LM2954-XX-S08-T Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954-XX-T92-B UTC-LM2954-XX-T92-B Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - LM2954-33-D08-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
MC33275 ONSEMI-MC33275_15 Datasheet
225Kb / 14P
300 mA, Low Dropout Voltage Regulator
March, 2015 ??Rev. 20
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
logo
Texas Instruments
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
300-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com