Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2954-50-D08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # LM2954-50-D08-R
Description  300 mA LOW-DROPOUT VOLTAGE REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2954-50-D08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  LM2954-50-D08-R Datasheet HTML 1Page - Unisonic Technologies LM2954-50-D08-R Datasheet HTML 2Page - Unisonic Technologies LM2954-50-D08-R Datasheet HTML 3Page - Unisonic Technologies LM2954-50-D08-R Datasheet HTML 4Page - Unisonic Technologies LM2954-50-D08-R Datasheet HTML 5Page - Unisonic Technologies LM2954-50-D08-R Datasheet HTML 6Page - Unisonic Technologies LM2954-50-D08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM2954
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R102-002.E
PIN CONFIGURATIONS
2
1
3
OUTPUT
GND
INPUT
UTC LM2954
TO-92 Plastic Package Bottom View
1
2
3
4
8
7
6
5
INPUT
FEEDBACK
5V TAP
SHUTDOWN
SENSE
OUTPUT
UTC LM2954
GND
ERROR
SOP-8 or DIP-8 Package
UTC LM2954
INPUT
GND
OUTPUT
SOT-223 Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com