Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB511 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB511
Description  1GHz HIGH SPEED PRESCALER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB511 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB511 Datasheet HTML 1Page - fujitsu semiconductor MB511 Datasheet HTML 2Page - fujitsu semiconductor MB511 Datasheet HTML 3Page - fujitsu semiconductor MB511 Datasheet HTML 4Page - fujitsu semiconductor MB511 Datasheet HTML 5Page - fujitsu semiconductor MB511 Datasheet HTML 6Page - fujitsu semiconductor MB511 Datasheet HTML 7Page - fujitsu semiconductor MB511 Datasheet HTML 8Page - fujitsu semiconductor MB511 Datasheet HTML 9Page - fujitsu semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MB511
2
D
CQ
Q
D
CQ
Q
D
CQ
Q
IN
IN
OUT
S1
S2
Divide
Ratio
Controller
Figure 1. MB511 Block Diagram
FUNCTION TABLE
S1
S2
Divide Ratio
Operating Frequency
L
L
Not used
—
L
H
1
250MHz
H
L
2
500MHz
H
H
8
1000MHz
H = VCC
L = OPEN
PIN DESCRIPTIONS
Pin Number
Symbol
I/O
Descriptions
1
IN
I
Input. The connection with VCO should be an AC connection.
2
VCC
–
Power supply voltage input.
3
NC
–
No connection.
4
OUT
O
Output. Termination resistor is necessary due to emitter follower output.
5
GND
–
Ground.
6
S2
I
Divide ratio control input.
7
S1
I
Divide ratio control input.
8
IN
I
Complementary Input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com