Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44420045 Datasheet(PDF) 1 Page - Lapp.

Part # 44420045
Description  EPIC® SIGNAL M23 G5
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

44420045 Datasheet(HTML) 1 Page - Lapp.

  44420045 Datasheet HTML 1Page - Lapp. 44420045 Datasheet HTML 2Page - Lapp. 44420045 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
44420046
DATA SHEET
Valid from:
28.07.2021
EPIC® SIGNAL M23 G5
Creator: MANA2/PDP
Released: IVSE1/PDP
Document: DB44420046EN
Version: 03
Page 1 of 3
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Circular connectors for servo cables and encoders
Fast and easy assembly
Only one M25 bore hole necessary
General characteristics
Series
SIGNAL M23
Version
panel-mount box, front wall mounting
Protection rating
IP 68 (10 h / 1 m)
Temperature range
-25 °C to +125 °C
Product variations
Article number
Coding
Fastening type
PU
44420046
black (N)
M25x1,5 (with nut)
5
44420045
black (N)
M25x1,5 (with nut)
20
44420048
red (+20°)
M25x1,5 (with nut)
5
44420047
red (+20°)
M25x1,5 (with nut)
20
44420044
blue (-20°)
M25x1,5 (with nut)
5
44420043
blue (-20°)
M25x1,5 (with nut)
20
Materials and surfaces
Housing
Nickel plated zinc die-casting
Sealing
FPM
Approvals
VDE-Approval, VDE-REG.-Nr.
C024
UL File Number
E249137
Standard
Safety Standard
IEC 61984; UL2238; CSA 22.2 182.3


Similar Part No. - 44420045

ManufacturerPart #DatasheetDescription
logo
Lapp.
44420049 LAPP-44420049 Datasheet
171Kb / 3P
EPIC® SIGNAL M23 B2
28.07.2021
More results

Similar Description - 44420045

ManufacturerPart #DatasheetDescription
logo
Lapp.
00010521 LAPP-00010521 Datasheet
247Kb / 3P
EPIC® SIGNAL M23 C2 17 Pin
31.10.2018
44420024 LAPP-44420024 Datasheet
168Kb / 3P
EPIC® SIGNAL M23 B1
28.07.2021
44420037 LAPP-44420037 Datasheet
223Kb / 3P
EPIC® SIGNAL M23 D6
30.06.2022
44420050 LAPP-44420050 Datasheet
171Kb / 3P
EPIC® SIGNAL M23 B2
28.07.2021
44420071 LAPP-44420071 Datasheet
175Kb / 3P
EPIC® SIGNAL M23 G6 N
28.07.2021
44420148 LAPP-44420148 Datasheet
211Kb / 3P
EPIC® SIGNAL M23 7E/P
17.09.2018
72004000 LAPP-72004000 Datasheet
192Kb / 3P
EPIC® SIGNAL M23 A1
28.07.2021
72400001 LAPP-72400001 Datasheet
109Kb / 1P
EPIC® SIGNAL M23 SCM/SLM
17.09.2018
73002700 LAPP-73002700 Datasheet
199Kb / 3P
EPIC® SIGNAL M23 16E/P
17.09.2018
75018310 LAPP-75018310 Datasheet
250Kb / 4P
EPIC® SIGNAL M23 / POWER LS1 ACCESSORIES
20.05.2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com