Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KT83C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # KT83C
Description  Silicon temperature sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

KT83C Datasheet(HTML) 2 Page - NXP Semiconductors

  KT83C Datasheet HTML 1Page - NXP Semiconductors KT83C Datasheet HTML 2Page - NXP Semiconductors KT83C Datasheet HTML 3Page - NXP Semiconductors KT83C Datasheet HTML 4Page - NXP Semiconductors KT83C Datasheet HTML 5Page - NXP Semiconductors KT83C Datasheet HTML 6Page - NXP Semiconductors KT83C Datasheet HTML 7Page - NXP Semiconductors KT83C Datasheet HTML 8Page - NXP Semiconductors KT83C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2003 Sep 15
2
Philips Semiconductors
Product specification
Silicon temperature sensors
KTY83 series
DESCRIPTION
The temperature sensors in the KTY83-1 series have a
positive temperature coefficient of resistance and are
suitable for use in measurement and control systems.
The sensors are encapsulated in the SOD68 (DO-34)
package.
Tolerances of 0.5% or other special selections are
available on request.
Fig.1 Simplified outline (SOD68; DO34).
The black band indicates the negative connection.
The marking provides type identity.
The sensor must be operated with the lower potential at the
marked connection.
MGU220
ka
MARKING
TYPE NUMBER
MARKING CODE
KTY83/110
KT83A
KTY83/120
KT83C
KTY83/121
KT83D
KTY83/122
KT83E
KTY83/150
KT83H
KTY83/151
KT83K
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
R25
sensor resistance
Tamb =25 °C; Icont =1mA
KTY83/110
990
1010
Ω
KTY83/120
980
1020
Ω
KTY83/121
980
1000
Ω
KTY83/122
1000
1020
Ω
KTY83/150
950
1050
Ω
KTY83/151
950
1000
Ω
Tamb
ambient operating temperature
−55
+175
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Icont
continuous sensor current
in free air; Tamb =25 °C
−
10
mA
in free air; Tamb = 175 °C
−
2mA
Tamb
ambient operating temperature
−55
+175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com