Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6103 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6103
Description  Dual High Voltage, High Side Current Sense Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6103 Datasheet(HTML) 1 Page - Linear Technology

  LTC6103 Datasheet HTML 1Page - Linear Technology LTC6103 Datasheet HTML 2Page - Linear Technology LTC6103 Datasheet HTML 3Page - Linear Technology LTC6103 Datasheet HTML 4Page - Linear Technology LTC6103 Datasheet HTML 5Page - Linear Technology LTC6103 Datasheet HTML 6Page - Linear Technology LTC6103 Datasheet HTML 7Page - Linear Technology LTC6103 Datasheet HTML 8Page - Linear Technology LTC6103 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6103
1
6103f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual High Voltage, High Side
Current Sense Amplifier
The LTC
®6103 is a versatile, high voltage, high side, dual
current sense amplifier. The two internal amplifiers are
independent except that they share the same V– terminal.
Design flexibility is provided by the excellent device char-
acteristics: 450µV maximum offset, and only 275µA of
current consumption (typical at 12V) for each amplifier.
The LTC6103 operates on supplies from 4V to 60V.
The LTC6103 monitors current via the voltage across an
external sense resistor (shunt resistor). Internal circuitry
converts input voltage to output current, allowing for a
small sense signal on a high common mode voltage to be
translated into a ground referenced signal. Low DC offset al-
lows the use of a small shunt resistor and large gain-setting
resistors. As a result, power loss in the shunt is minimal.
The wide operating supply range and high accuracy make
the LTC6103 ideal for an extensive variety of applications
from automotive to industrial and power management.
The fast response makes the LTC6103 the perfect choice
for load current warnings and shutoff protection control.
With very low supply current, the LTC6103 is suitable for
power sensitive applications.
The LTC6103 is available in an 8-lead MSOP package.
Two 16-Bit Current Sense Channels Connected Directly to the LTC2436-1 ADC
■ Two Independent Current Sense Amplifiers
■ Wide Supply Range: 4V to 60V, 70V Absolute
Maximum
■ Low Offset Voltage: 450µV Maximum
■ Fast Response: 1µs Response Time
■ Gain Configurable with External Resistors
■ Low Input Bias Current: 170nA Maximum
■ PSRR: 110dB Minimum (6V to 60V)
■ Output Current: 1mA Maximum
■ Low Supply Current: 275µA per Amplifier, VS = 12V
■ Specified for –40°C to 125°C Temperature Range
■ Available in an 8-lead MSOP Package
■ Current Shunt Measurement
■ Battery Monitoring
■ Remote Sensing
■ Power Management
■ High Voltage Level Translator
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
5.5V
5V
0.5V
0V
500ns/DIV
6103 TA01b
TA = 25°C
V
+ = 12V
RIN = 100Ω
ROUT = 5k
VSENSE
+ = V+
VOUT
VSENSE
–
∆VSENSE
– = 100mV
IOUT = 100µA
IOUT = 0µA
Step Response
+
–
+
–
8
7
6
5
2
4
1
+INA
OUTA
OUTB
VSB
VSA
LTC6103
6
2
13
12
11
1
1
µF
5V
5
7
4
TO
µP
6103 TA01a
–INA
–INB
RIN
100
Ω
RIN
100
Ω
VSENSE
VSENSE
++
–
–
VA
+
VB
+
+INB
V–
ROUT
4.99k
ROUT
4.99k
LOAD
LOAD
ILOAD
ILOAD
LTC2436-1
CH1
CH0
3,8,9,10,14,15,16


Similar Part No. - LTC6103

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
244Kb / 12P
36V Low Cost High Side Current Sense in a SOT-23
LTC6103 LINER-LTC6103 Datasheet
940Kb / 24P
High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
logo
Analog Devices
LTC6103 AD-LTC6103 Datasheet
1Mb / 14P
36V Low Cost High Side Current Sense in a SOT-23
Rev. C
LTC6103 AD-LTC6103 Datasheet
347Kb / 14P
High Temperature High Side Current Sense Amp in SOT-23
REV C
LTC6103 AD-LTC6103 Datasheet
348Kb / 24P
Current Sense Amplifier, Reference and Comparator with POR
More results

Similar Description - LTC6103

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
High side current sense amplifier
05-Mar-2007
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
High side current sense amplifier
22-Oct-2007
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Linear Technology
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com