Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T83SM6F Datasheet(PDF) 44 Page - STMicroelectronics

Part # M41T83SM6F
Description  Serial RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T83SM6F Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M41T83SM6F Datasheet HTML 40Page - STMicroelectronics M41T83SM6F Datasheet HTML 41Page - STMicroelectronics M41T83SM6F Datasheet HTML 42Page - STMicroelectronics M41T83SM6F Datasheet HTML 43Page - STMicroelectronics M41T83SM6F Datasheet HTML 44Page - STMicroelectronics M41T83SM6F Datasheet HTML 45Page - STMicroelectronics M41T83SM6F Datasheet HTML 46Page - STMicroelectronics M41T83SM6F Datasheet HTML 47Page - STMicroelectronics M41T83SM6F Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
Clock operation
M41T82 M41T83
44/58
3.15
Initial power-on defaults
Upon initial application of power to the device, the register bits will initially power-on in the state indicated
in Table 15 and Table 16.
3.16
OTP bit operation (M41T83 only)
When the OTP (One Time Programmable) bit is set to a '1,' the value in the internal OTP registers will be
transferred to the analog calibration register (12h) and are “Read only.” The OTP value is programmed
by the manufacturer, and will contain the calibration value necessary to achieve ±5 ppm at room
temperature.
If the OTP bit is set to '0,' the analog calibration register will become a WRITE/READ register and
function like standard SRAM memory cells, allowing the user to implement any desired value of analog
calibration.
When the user sets the OTP bit, they need to wait for approximately 3 to 4ms before the analog registers
transfer the value from the OTP to the analog registers due to the OTP Read operation.
Table 15.
Initial power-on default values (part 1)
Condition(1)
1.
All other control bits power-up in an undetermined state.
ST
CB1 CB0 OUT
FT
DCS
ACS
Digital
calib.
Analog
calib.
OFIE
(2)
2.
M41T83 only.
Watchdog
(3)
3.
BMB0-BMB4, RB0, RB1.
A1IE
(2)
SQWE
(2)
ABE
Initial
Power-up
00
0
1
0
0
0
0
0
0
0
1
0
Subsequent
Power-up(4) (5)
4.
With battery back-up.
5.
UC = Unchanged.
UC
UC
UC
UC
0
UC
UC
UC
UC
0
UC
UC
UC
Table 16.
Initial power-up default values (part 2)
Condition(1)
1.
All other control bits power-up in an undetermined state.
RPT11-15
HT
OF
TE
TI/TP
(2)
2.
M41T83 only.
TIE
(2)
TD1 TD0 RS0 RS1-3
OTP
(2)
A2IE
(2)
RPT21-
25
AL2E
Initial
Power-up
01
1
0
0
0
1
1
1
0
0
0
0
0
Subsequent
Power-up(3) (4)
3.
With battery back-up.
4.
UC = Unchanged.
UC
1
UC
0
UC
UC
UC
UC
UC
UC
UC
UC
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com