Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL19F1MCTRE Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST7FL19F1MCTRE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MCTRE Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST7FL19F1MCTRE Datasheet HTML 18Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 19Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 20Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 21Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 22Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 23Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 24Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 25Page - STMicroelectronics ST7FL19F1MCTRE Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 138 page
background image
ST7L15, ST7L19
22/138
SUPPLY, RESET AND CLOCK MANAGEMENT (cont’d)
7.2 PHASE LOCKED LOOP
The PLL can be used to multiply a 1 MHz frequen-
cy from the RC oscillator or the external clock by 4
or 8 to obtain fOSC of 4 or 8 MHz. The PLL is ena-
bled and the multiplication factor of 4 or 8 is select-
ed by 2 option bits:
– The x4 PLL is intended for operation with VDD in
the 3V to 3.6V range (available only on Flash de-
vices)
– The x8 PLL is intended for operation with VDD in
the 3.6V to 5.5V range1)
Refer to Section 15.1 for the option byte descrip-
tion.
If the PLL is disabled and the RC oscillator is ena-
bled, then fOSC =1MHz.
If both the RC oscillator and the PLL are disabled,
fOSC is driven by the external clock.
Figure 11. PLL Output Frequency Timing
Diagram
When the PLL is started, after reset or wake-up
from HALT mode or AWUFH mode, it outputs the
clock after a delay of tSTARTUP.
When the PLL output signal reaches the operating
frequency, the LOCKED bit in the SICSCR register
is set. Full PLL accuracy (ACCPLL) is reached after
a stabilization time of tSTAB (see Figure 11 and
section 13.3.3 on page 105)
Refer to section 7.6.3 on page 30 for a description
of the LOCKED bit in the SICSR register.
Note:
1. It is possible to obtain fOSC = 4 MHz in the 3.3V
to 5.5V range with internal RC and PLL enabled by
selecting 1 MHz RC and x8 PLL and setting the
PLLdiv2 bit in the PLLTST register (see section
7.6.3 on page 30).
7.3 REGISTER DESCRIPTION
MAIN CLOCK CONTROL/STATUS REGISTER
(MCCSR)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:2 = Reserved, must be kept cleared.
Bit 1 = MCO Main Clock Out enable
This bit is read/write by software and cleared by
hardware after a reset. This bit enables the MCO
output clock.
0: MCO clock disabled, I/O port free for general
purpose I/O.
1: MCO clock enabled.
Bit 0 = SMS Slow Mode select
This bit is read/write by software and cleared by
hardware after a reset. This bit selects the input
clock fOSC or fOSC/32.
0: Normal mode (fCPU = fOSC)
1: Slow mode (fCPU = fOSC/32)
RC CONTROL REGISTER (RCCR)
Read / Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CR[9:2] RC Oscillator Frequency Ad-
justment Bits
These bits must be written immediately after reset
to adjust the RC oscillator frequency and to obtain
an accuracy of 1%. The application can store the
correct value for each voltage range in EEPROM
and write it to this register at start-up.
00h = maximum available frequency
FFh = lowest available frequency
These bits are used with the CR[1:0] bits in the
SICSR register. Refer to section 7.6.3 on page 30.
Note: To tune the oscillator, write a series of differ-
ent values in the register until the correct frequen-
cy is reached. The fastest method is to use a di-
chotomy starting with 80h.
4/8 x
freq.
LOCKED bit set
tSTAB
tLOCK
input
tSTARTUP
t
70
00
000
0
MCO
SMS
70
CR9
CR8
CR7
CR6
CR5
CR4
CR3
CR2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com