Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7FL19F1MAE Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7FL19F1MAE
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FL19F1MAE Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7FL19F1MAE Datasheet HTML 35Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 36Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 37Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 38Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 39Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 40Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 41Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 42Page - STMicroelectronics ST7FL19F1MAE Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 138 page
background image
ST7L15, ST7L19
39/138
POWER SAVING MODES (cont’d)
Figure 25. ACTIVE HALT Mode Flowchart
Notes:
1. This delay occurs only if the MCU exits ACTIVE HALT
mode by means of a RESET.
2. Peripherals clocked with an external clock source can
still be active.
3. Only the RTC1 interrupt and some specific interrupts
can exit the MCU from ACTIVE HALT mode. Refer to
Table 5, “Interrupt Mapping,” on page 32 for more details.
4. Before servicing an interrupt, the CC register is pushed
on the stack. The I bit of the CC register is set during the
interrupt routine and cleared when the CC register is
popped.
9.6 AUTO WAKE-UP FROM HALT MODE
Auto Wake-Up From Halt (AWUFH) mode is simi-
lar to HALT mode with the addition of a specific in-
ternal RC oscillator for wake-up (Auto Wake-Up
from Halt Oscillator). Compared to ACTIVE HALT
mode, AWUFH has lower power consumption (the
main clock is not kept running but there is no accu-
rate realtime clock available).
It is entered by executing the HALT instruction
when the AWUEN bit in the AWUCSR register has
been set.
Figure 26. AWUFH Mode Block Diagram
As soon as HALT mode is entered and if the
AWUEN bit has been set in the AWUCSR register,
the AWU RC oscillator provides a clock signal
(fAWU_RC). Its frequency is divided by a fixed divid-
er and a programmable prescaler controlled by the
AWUPR register. The output of this prescaler pro-
vides the delay time. When the delay has elapsed,
the AWUF flag is set by hardware and an interrupt
wakes up the MCU from HALT mode. At the same
time, the main oscillator is immediately turned on
and a 256 or 4096 cycle delay is used to stabilize
it. After this start-up delay, the CPU resumes oper-
ation by servicing the AWUFH interrupt. The AWU
flag and its associated interrupt are cleared by
software reading the AWUCSR register.
To compensate for any frequency dispersion of
the AWU RC oscillator, it can be calibrated by
measuring the clock frequency fAWU_RC and then
calculating the right prescaler value. Measurement
mode is enabled by setting the AWUM bit in the
AWUCSR register in Run mode. This connects
fAWU_RC to the input capture of the 12-bit Auto-Re-
load timer, allowing the fAWU_RC to be measured
using the main oscillator clock as a reference time-
base.
HALT INSTRUCTION
RESET
INTERRUPT3)
Y
N
N
Y
CPU
OSCILLATOR
PERIPHERALS2)
IBIT
ON
OFF
0
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
OSCILLATOR
PERIPHERALS2)
IBIT
ON
OFF
X4)
ON
CPU
OSCILLATOR
PERIPHERALS
IBIT
ON
ON
X4)
ON
256 OR 4096 CPU CLOCK
DELAY
(Active Halt enabled)
(AWUCSR.AWUEN=0)
CYCLE
AWU RC
AWUFH
fAWU_RC
AWUFH
(ei0 source)
oscillator
prescaler/1 .. 255
interrupt
/64
divider
to Timer input capture
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com