Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41ST84W Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41ST84W
Description  3.0/3.3V I2C Serial RTC with Supervisory Functions
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84W Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41ST84W Datasheet HTML 8Page - STMicroelectronics M41ST84W Datasheet HTML 9Page - STMicroelectronics M41ST84W Datasheet HTML 10Page - STMicroelectronics M41ST84W Datasheet HTML 11Page - STMicroelectronics M41ST84W Datasheet HTML 12Page - STMicroelectronics M41ST84W Datasheet HTML 13Page - STMicroelectronics M41ST84W Datasheet HTML 14Page - STMicroelectronics M41ST84W Datasheet HTML 15Page - STMicroelectronics M41ST84W Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
M41ST84W
12/29
WRITE Mode
In this mode the master transmitter transmits to
the M41ST84W slave receiver. Bus protocol is
shown in Figure 12., page 12. Following the
START condition and slave address, a logic '0' (R/
W=0) is placed on the bus and indicates to the ad-
dressed device that word address An will follow
and is to be written to the on-chip address pointer.
The data word to be written to the memory is
strobed in next and the internal address pointer is
incremented to the next memory location within
the RAM on the reception of an acknowledge
clock. The M41ST84W slave receiver will send an
acknowledge clock to the master transmitter after
it has received the slave address (see Figure
9., page 10) and again after it has received the
word address and each data byte.
Data Retention Mode
With valid VCC applied, the M41ST84W can be ac-
cessed as described above with READ or WRITE
cycles. Should the supply voltage decay, the
M41ST84W will automatically deselect, write pro-
tecting itself when VCC falls between VPFD(max)
and VPFD(min). This is accomplished by internally
inhibiting access to the clock registers. At this
time, the Reset pin (RST) is driven active and will
remain active until VCC returns to nominal levels.
When VCC falls below the Battery Back-up
Switchover Voltage (VSO), power input is switched
from the VCC pin to the external battery, and the
clock registers and SRAM are maintained from the
attached battery supply.
All outputs become high impedance. On power up,
when VCC returns to a nominal value, write protec-
tion continues for trec. The RST signal also re-
mains
active
during
this
time
(see
Figure
19., page 25).
For a further more detailed review of lifetime calcu-
lations, please see Application Note AN1012.
Figure 12. WRITE Mode Sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com