Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T93ZMY6F Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T93ZMY6F
Description  Serial SPI bus RTC with battery switchover
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93ZMY6F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T93ZMY6F Datasheet HTML 29Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 30Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 31Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 32Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 33Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 34Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 35Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 36Page - STMicroelectronics M41T93ZMY6F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
M41T93
Clock operation
33/49
3.13
Oscillator fail detection
If the Oscillator Fail (OF) Bit is internally set to a '1,' this indicates that the oscillator has
either stopped, or was stopped for some period of time and can be used to judge the validity
of the clock and date data. This bit will be set to '1' any time the oscillator stops.
In the event the OF Bit is found to be set to '1' at any time other than the initial power-up, the
STOP Bit (ST) should be written to a '1,' then immediately reset to '0.' This will restart the
oscillator. The following conditions can cause the OF Bit to be set:
●
The first time power is applied (defaults to a '1' on power-up).
Note:
If the OF Bit cannot be written to '1' four seconds after the initial power-up, the STOP Bit
(ST) should be written to a '1,' then immediately reset to '0.'
●
The voltage present on VCC or battery is insufficient to support oscillation.
●
The ST Bit is set to '1.'
●
External interference of the crystal
For the M41T93, if the Oscillator Fail Interrupt Enable Bit (OFIE) is set to a '1,' the
IRQ/FT/OUT pin will also be activated. The IRQ/FT/OUT output is cleared by resetting the
OFIE or OF Bit to '0' (NOT by reading the Flag Register).
The OF Bit will remain set to '1' until written to logic '0.' The oscillator must start and have
run for at least 4 seconds before attempting to reset the OF Bit to '0.' If the trigger event
occurs during a power down condition, this bit will be set correctly.
3.14
Oscillator fail interrupt enable
If the Oscillator Fail Interrupt Bit (OFIE) is set to a '1,' the IRQ/FT/OUT pin will also be
activated. The IRQ/FT/OUT output is cleared by resetting the OFIE or OF Bit to '0' (not be
reading the Flags Register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com