Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1D02065K Datasheet(PDF) 3 Page - BASIC SEMICONDUCTOR

Part # B1D02065K
Description  SiC Schottky Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BASICSEMI [BASIC SEMICONDUCTOR]
Direct Link  https://www.basicsemi.com/
Logo BASICSEMI - BASIC SEMICONDUCTOR

B1D02065K Datasheet(HTML) 3 Page - BASIC SEMICONDUCTOR

  B1D02065K Datasheet HTML 1Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 2Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 3Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 4Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 5Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 6Page - BASIC SEMICONDUCTOR B1D02065K Datasheet HTML 7Page - BASIC SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
B1D02065K
SiC Schottky Diode
Rev. 1.2
3 / 7
www.basicsemi.com
Electrical Characteristics
Static Characteristics
AC Characteristics
Symbol
Parameter
Test conditions
Symbol
Parameter
Test conditions
Unit
Unit
T
j=25℃
I
F=2A Tj=25℃
I
F=2A Tj=175℃
650
6.8
99
11.9
11.8
1.6
1.40
1.70
0.1
1
V
V
μA
Min.
Typ.
Max.
Min.
Typ.
Max.
Value
Value
V
DC
V
F
I
R
Q
C
C
E
C
DC blocking voltage
Total capacitive charge
Total capacitance
Capacitance stored energy
Diode forward voltage
Reverse current
V
R=650V Tj=25℃
V
R=650V Tj=175℃
nC
pF
μJ
V
R=400V
V
R=1V
f=1MHz
V
R=300V f=1MHz
V
R=600V f=1MHz
V
R=400V Tj=25°C
Q
C=∫0 C(V)dV
VR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com