Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4049UB Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4049UB
Description  HEX BUFFER/CONVERTER (INVERTING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4049UB Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4049UB Datasheet HTML 1Page - STMicroelectronics HCF4049UB Datasheet HTML 2Page - STMicroelectronics HCF4049UB Datasheet HTML 3Page - STMicroelectronics HCF4049UB Datasheet HTML 4Page - STMicroelectronics HCF4049UB Datasheet HTML 5Page - STMicroelectronics HCF4049UB Datasheet HTML 6Page - STMicroelectronics HCF4049UB Datasheet HTML 7Page - STMicroelectronics HCF4049UB Datasheet HTML 8Page - STMicroelectronics HCF4049UB Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2004
s
PROPAGATION DELAY TIME:
tPD = 40ns (TYP.) at VDD = 10V CL = 50pF
s
HIGH TO LOW LEVEL LOGIC CONVERSION
s
HIGH "SINK" AND "SOURCE" CURRENT
CAPABILITY
s
QUIESCENT CURRENT SPECIFIED UP TO
20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
DESCRIPTION
The HCF4049UB is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
It is an inverting Hex Buffer/Converter and feature
logic level conversions using only one supply
voltage (VDD).
The input high level signal (VIH) can exceed the
VDD supply voltage when these devices are used
for logic level conversions. This device is intended
for use as CMOS to DTL/TTL converters and can
drive directly two DTL/TTL loads (VDD =5V, VOL
0.4V and IOL 3.2mA.
HCF4049UB
HEX BUFFER/CONVERTER (INVERTING)
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4049UBEY
SOP
HCF4049UBM1
HCF4049UM013TR
DIP
SOP


Similar Part No. - HCF4049UB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
HCF4040 STMICROELECTRONICS-HCF4040 Datasheet
65Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
Sep-2001
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
HCF4040BC1 STMICROELECTRONICS-HCF4040BC1 Datasheet
267Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
Mar-1989
More results

Similar Description - HCF4049UB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4049BP TOSHIBA-TC4049BP Datasheet
240Kb / 5P
HEX BUFFER/CONVERTER (INVERTING TYPE, NON-INVERTING TYPE)
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
Hex Inverting Buffer . Hex Non-Inverting Buffer
MM74C901 FAIRCHILD-MM74C901 Datasheet
69Kb / 6P
Hex Inverting TTL Buffer . Hex Non-Inverting TTL Buffer
logo
STMicroelectronics
HCF4050B STMICROELECTRONICS-HCF4050B Datasheet
172Kb / 9P
HEX BUFFER/CONVERTER (NON INVERTING)
May-2003
HCF4010B STMICROELECTRONICS-HCF4010B Datasheet
467Kb / 10P
HEX BUFFER/CONVERTER (NON INVERTING)
16-Mar-2005
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
Hex Inverting Buffer Hex Non-Inverting Buffer
logo
STMicroelectronics
HCF4010B STMICROELECTRONICS-HCF4010B_01 Datasheet
56Kb / 8P
HEX BUFFER/CONVERTER (NON INVERTING)
Sep-2001
HCF4009UB STMICROELECTRONICS-HCF4009UB_02 Datasheet
134Kb / 8P
HEX BUFFER/CONVERTER (INVERTING)
Jul-2002
logo
Fairchild Semiconductor
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
Toshiba Semiconductor
TC50H000P TOSHIBA-TC50H000P Datasheet
174Kb / 3P
HEX BUFFER/CONVERTER INVERTING TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com