Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7452DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7452DP
Description  N-Channel 60-V (D-S) Fast Switching MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7452DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7452DP Datasheet HTML 1Page - Vishay Siliconix SI7452DP Datasheet HTML 2Page - Vishay Siliconix SI7452DP Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vishay Siliconix
SPICE Device Model Si7452DP
SPECIFICATIONS (TJ = 25°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
3.7
V
On-State Drain Current
a
ID(on)
VDS ≥ 5 V, VGS = 10 V
651
A
Drain-Source On-State Resistance
a
rDS(on)
VGS = 10 V, ID = 19.3 A
0.0063
0.007
Ω
Forward Transconductance
a
gfs
VDS = 15 V, ID = 19.3 A
57
51
S
Forward Voltage
a
VSD
IS = 4.5 A, VGS = 0 V
0.84
0.80
V
Dynamic
b
Total Gate Charge
Qg
112
105
Gate-Source Charge
Qgs
40
40
Gate-Drain Charge
Qgd
VDS = 30 V, VGS = 10 V, ID = 19.3 A
21
21
nC
Turn-On Delay Time
td(on)
65
45
Rise Time
tr
19
15
Turn-Off Delay Time
td(off)
82
90
Fall Time
tf
VDD = 30 V, RL = 30 Ω
ID ≅ 1 A, VGEN = 10 V, RG = 6 Ω
26
40
ns
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
2
www.vishay.com
Document Number: 72989
S-60145
Rev. B, 13-Feb-06



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com