Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIR1703 Datasheet(PDF) 26 Page - Texas Instruments

Part # DIR1703
Description  96-kHz, 24-Bit Digital Audio Interface Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DIR1703 Datasheet(HTML) 26 Page - Texas Instruments

Back Button DIR1703 Datasheet HTML 22Page - Texas Instruments DIR1703 Datasheet HTML 23Page - Texas Instruments DIR1703 Datasheet HTML 24Page - Texas Instruments DIR1703 Datasheet HTML 25Page - Texas Instruments DIR1703 Datasheet HTML 26Page - Texas Instruments DIR1703 Datasheet HTML 27Page - Texas Instruments DIR1703 Datasheet HTML 28Page - Texas Instruments DIR1703 Datasheet HTML 29Page - Texas Instruments DIR1703 Datasheet HTML 30Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
Differences for DIR1703
DIR9001
SLES198 – DECEMBER 2006
The DIR9001 has many improved functions compared to the DIR1703.
The DIR9001 functions are similar to those of the DIR1703.
The DIR9001 pin assignment is equivalent to that of the DIR1703.
The DIR9001 biphase input signal decoding function is almost equivalent to that of the DIR1703.
The differences between the DIR9001 and DIR1703 are shown in Table 12.
Table 12. Main Differences Between DIR1703 and DIR9001
DIFFERENCE
DIR1703
DIR9001
Operational supply-voltage range
3 V to 3.6 V
2.7 V to 3.6 V
Operation temperature range
–25
°C to 85°C
–40
°C to 85°C
Package
SSOP-28P, pin pitch: 0.65 mm
TSSOP-28P, pin pitch: 0.65 mm
Clock recovery architecture
SpAct™ feature
Conventional PLL
IEC60958-3 jitter tolerance
Not compliant
Compliant
IEC60958 sampling frequency accuracy
Level II (
±1000 ppm)
Level III (
±12.5%)
Acceptable sampling frequency
32/44.1/48/88.2/96 kHz, ±1500 ppm
28 kHz to 108 kHz continuous
Biphase input signal level
CMOS level
5-V tolerant TTL level
Connection of loop filter
Between FILT pin and VCC
Between FILT pin and AGND
XTI source clock frequency
One of the following clock sources or
Optional 24.576-MHz (24.576-MHz clock is
resonators must be connected to the XTI pin:
only required to use the internal
4.069/5.6448/6.144/ 8.192/11.2896/12.288/
actual-sampling-frequency calculator or use
16.384/16.9344/18.432/ 22.5792/24.576-MHz
the DIR9001 as a 24.576-MHz clock
generator.)
BFRAME H period
32/fS
8/fS
Channel status and user data
Synchronous with LRCK transition
17-BCK delay from LRCK transition
Latest tracked frequency hold
Available
Not available
PLL mode clock at error
Latest tracked frequency
VCO free-running frequency
Clock transition signal out
CKTRNS pin, active H
CLKST pin, active-high
Oscillation amplifier
External feedback resistor (typ. 1 M
Ω)
Internal feedback resistor
26
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com