Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3208 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TAS3208
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3208 Datasheet(HTML) 6 Page - Texas Instruments

  TAS3208 Datasheet HTML 1Page - Texas Instruments TAS3208 Datasheet HTML 2Page - Texas Instruments TAS3208 Datasheet HTML 3Page - Texas Instruments TAS3208 Datasheet HTML 4Page - Texas Instruments TAS3208 Datasheet HTML 5Page - Texas Instruments TAS3208 Datasheet HTML 6Page - Texas Instruments TAS3208 Datasheet HTML 7Page - Texas Instruments TAS3208 Datasheet HTML 8Page - Texas Instruments TAS3208 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TAS3208
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
SLES201A – JANUARY 2007 – REVISED FEBRUARY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
3.3-V TTL
IOH = –4 mA
2.4
High-level output
VOH
V
1.8-V LVCMOS
voltage
IOH = –0.55 mA
1.44
(XTL_OUT)
3.3-V TTL
IOL = 4 mA
0.5
Low-level output
VOL
V
1.8-V LVCMOS
voltage
IOL = 0.75 mA
0.396
(XTL_OUT)
High-impedance
IOZ
3.3-V TTL
±20
µA
output current
1.8-V LVCMOS
VI = VIL
±1
Low-level input
(XTL_IN)
IIL(1)
µA
current
3.3-V TTL
VI = VIL
±1
1.8-V LVCMOS
VI = VIH
±1
High-level input
(XTL_IN)
IIH(2)
µA
current
3.3-V TTL
VI = VIH
±1
Digital supply
DSP clock = 135-MHz LRCLKIN/LRCLKOUT = 48 KHz,
IDVDD
200
mA
current
XTALI = 24.288 MHz
Analog supply
DSP clock = 135-MHz LRCLKIN/LRCLKOUT = 48 KHz,
IAVDD
28
mA
current
XTALI = 24.288 MHz
Digital supply
IDVDD
RESET = Low
0.1
mA
current
Analog supply
IAVDD
RESET = Low
5
mA
current
(1)
Value given is for those input pins that connect to an internal pull-up resistor as well as an input buffer. For inputs that have a pull-down
resistor or no resistor, IIL is ± 1 µa.
(2)
Value given is for those input pins that connect to an internal pull-down resistor as well as an input buffer. For inputs that have a pull-up
resistor or no resistor, IIH is ± 1 µa.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com