Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMP30
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMP30 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMP30 Datasheet HTML 1Page - Vishay Siliconix SMP30 Datasheet HTML 2Page - Vishay Siliconix SMP30 Datasheet HTML 3Page - Vishay Siliconix SMP30 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay General Semiconductor
SMP11 thru SMP36A
New Product
Document Number 88481
26-Jul-06
www.vishay.com
1
Surface Mount TRANSZORB® Transient Voltage Suppressors
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Available in Unidirectional
• 400 W peak pulse power capability with a
10/1000 µs waveform
• Excellent clamping capability
• Very fast response time
• Low incremental surge resistance
• Meets MSL level 1, per J-STD-020C
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
for consumer, computer, industrial, automotive and
telecommunication.
MECHANICAL DATA
Case: DO-220AA (SMP)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
E3 suffix for commercial grade
Polarity: Color band denotes cathode end
DO-220AA (SMP)
MAJOR RATINGS AND CHARACTERISTICS
VWM
11 V to 36 V
PPPM
400W
IFSM
40 A
Tj max.
150 °C
Note:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA = 25 °C per Fig. 2
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
(3) Pulse test: 300 µs pulse width, 1 % duty cycle
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation with a 10/1000 µs waveform (1,2) (Fig. 1)
PPPM
400
W
Peak pulse current with a 10/1000 µs waveform (1)
IPPM
see table next page
A
Peak forward surge current 10 ms single half sine-wave (2)
IFSM
40
A
Maximum instantaneous forward voltage at 25 A (3)
VF
2.5
V
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - SMP30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
logo
Vishay Siliconix
SMP30 VISHAY-SMP30 Datasheet
95Kb / 4P
Surface Mount TRANSZORB® Transient Voltage Suppressors
20-Oct-08
SMP30 VISHAY-SMP30 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
19-Apr-11
logo
STMicroelectronics
SMP30-100 STMICROELECTRONICS-SMP30-100 Datasheet
59Kb / 6P
TRISILTM
SMP30-100 STMICROELECTRONICS-SMP30-100 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
More results

Similar Description - SMP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
Surface Mount TRANSZORB Transient Voltage Suppressors
23-Apr-10
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
11-Dec-12
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
14-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
21-Sep-12
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-13
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
Surface Mount TRANSZORB Transient Voltage Suppressors
10-Dec-13
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
13-Dec-12
SMBJ15-E3 VISHAY-SMBJ15-E3 Datasheet
112Kb / 6P
Surface Mount TRANSZORB Transient Voltage Suppressors
04-Sep-07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com