Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS3208YZPR Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS3208YZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3208YZPR Datasheet(HTML) 3 Page - Texas Instruments

  TAS3208YZPR Datasheet HTML 1Page - Texas Instruments TAS3208YZPR Datasheet HTML 2Page - Texas Instruments TAS3208YZPR Datasheet HTML 3Page - Texas Instruments TAS3208YZPR Datasheet HTML 4Page - Texas Instruments TAS3208YZPR Datasheet HTML 5Page - Texas Instruments TAS3208YZPR Datasheet HTML 6Page - Texas Instruments TAS3208YZPR Datasheet HTML 7Page - Texas Instruments TAS3208YZPR Datasheet HTML 8Page - Texas Instruments TAS3208YZPR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
SAP
IN
Audio
processing
Control
I
2 C
8051
A-MUX
10:1
2CH
ADC
10 ch stereo
Analog
Inputs
DAC
Mod
6CH
DAC
SPDIF
HP AMP
SDIN 1
SDIN 2
SDIN 3
HP OUT L /R
SAP
OUT
SDOUT 1
SCL 1
SDA 1
SCL 2
SDA 2
GPIO 1-4
CS
SPDIF OUT
/
SDOUT 2
3:1
MUX
SPDIF IN
MUTEZ
2
2
DACOUT 1L/R
2
DACOUT 2L/R
2
2
MCLKIN
SCLKIN
LRCLKIN
MCLKOUT
SCLKOUT
LRCLKOUT
2
A- MUX
11:1
SCLKI
LRCLKI
0.8uF
2.8V
RMS
2.2uF
10K ohm
Apply to all Line and
DAC outputs
10 K ohm
220
33K
0.9V
RMS ( MAX
)
47 uF
LINEOUT 1L/R
2
10 ch stereo
10 ch stereo
Analog line Input
1V
RMS
16Ohm
1V
RMS ( MAX
)
Line outputs
DAC outputs
Clock
Control
OSC
512Fs
AVSS
TBD
TBD
512
Fs
10 pf
10 pf
AVSS
TAS3208
DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
SLES201A – JANUARY 2007 – REVISED FEBRUARY 2007
BLOCK DIAGRAM
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com