Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS9078BTB5 Datasheet(PDF) 6 Page - Micro Analog systems

Part # MAS9078BTB5
Description  AM Receiver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9078BTB5 Datasheet(HTML) 6 Page - Micro Analog systems

Back Button MAS9078BTB5 Datasheet HTML 2Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 3Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 4Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 5Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 6Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 7Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 8Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 9Page - Micro Analog systems MAS9078BTB5 Datasheet HTML 10Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DA9078.003
28 January 2004
6 (10)
PIN CONFIGURATION & TOP MARKING FOR PLASTIC TSSOP-16 PACKAGE
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
VDD
1
P
Positive Power Supply
NC
2
QO
3
AO
Quartz Filter Output
NC
4
1
QI
5
AI
Quartz Filter Input
AGC
6
AO
AGC Capacitor
NC
7
OUT
8
DO
Receiver Output
2
DEC
9
AO
Demodulator Capacitor
NC
10
AON
11
DI
AGC On Control
3
PDN
12
AI
Power Down Input
4
NC
13
RFI
14
AI
Receiver Input
NC
15
VSS
16
G
Power Supply Ground
Notes:
1) Pin 4 between quartz crystal filter pins must be connected to VSS to eliminate package leadframe parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) pins are also
recommended to be connected to VSS to minimize noise coupling.
2) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced
(modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
3) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up (to AGC on) with current < 1
µA which is switched off at power down
4) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
NC
VDD
QO
NC
QI
AGC
NC
OUT
RFI
VSS
NC
NC
PDN
AON
NC
DEC
Top Marking Definitions:
YYWW = Year Week



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com