Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6598 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6598
Description  HIGH VOLTAGE RESONANT CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6598_04 Datasheet HTML 2Page - STMicroelectronics L6598_04 Datasheet HTML 3Page - STMicroelectronics L6598_04 Datasheet HTML 4Page - STMicroelectronics L6598_04 Datasheet HTML 5Page - STMicroelectronics L6598_04 Datasheet HTML 6Page - STMicroelectronics L6598_04 Datasheet HTML 7Page - STMicroelectronics L6598_04 Datasheet HTML 8Page - STMicroelectronics L6598_04 Datasheet HTML 9Page - STMicroelectronics L6598_04 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
L6598
6/17
Figure 6. Oscillator/Output Timing Diagram
3
BLOCK’S DIAGRAM DESCRIPTION
3.1 High/Low Side driving section
An High and Low Side driving Section provide the proper driving to the external Power MOS or IGBT. An high
sink/source driving current (450/250 mA typ) ensure fast switching times also when size4 Power MOS are used.
The internal logic ensures a minimum dead time to avoid cross-conduction of the power devices.
3.2 Timing and Oscillator Section
The device is provided of a soft start function. It consists in a period of time, TSS, in which the switching frequen-
cy shifts from fstart to fmin. This feature is explained in the following description (ref. fig.7 and fig.8).
Figure 7. Soft Start and frequency shifting block
LVG
HVG
C f
D98IN897
Css
Ifmin
Ifstart
Iss
gm
OSC
Iosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com