Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6926 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6926
Description  High efficiency monolithic synchronous step down regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926 Datasheet(HTML) 5 Page - STMicroelectronics

  L6926 Datasheet HTML 1Page - STMicroelectronics L6926 Datasheet HTML 2Page - STMicroelectronics L6926 Datasheet HTML 3Page - STMicroelectronics L6926 Datasheet HTML 4Page - STMicroelectronics L6926 Datasheet HTML 5Page - STMicroelectronics L6926 Datasheet HTML 6Page - STMicroelectronics L6926 Datasheet HTML 7Page - STMicroelectronics L6926 Datasheet HTML 8Page - STMicroelectronics L6926 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
L6926
Electrical characteristics
5/17
3
Electrical characteristics
Table 4. Electrical characteristcs
(TJ = 25°C, VIN = 3.6V unless otherwise specified)
(1)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Vcc
Operating input voltage
After Turn on
(1)
25.5
V
Vcc ON
Turn On threshold
2.2
V
Vcc OFF
Turn Off threshold
2
V
Vcc hys
Hysteresis
100
mV
Rp
High side Ron
Vcc = 3.6V, Ilx =100mA
240
300
m
(1)
400
Rn
Low side Ron
Vcc = 3.6V, Ilx =100mA
215
300
m
(1)
400
Ilim
Peak current limit
Vcc = 3.6V
11.2
1.5
A
(1)
0.85
1.65
Valley current limit
Vcc = 3.6V
11.4
1.7
A
(1)
0.9
1.85
Vout
Output voltage range
Vfb
Vcc
V
fosc
Oscillator frequency
450
600
700
KHz
(1)
400
600
800
fsync
Sync mode clock (2)
500
1400
KHz
DC characteristics
Iq
Quiescent current (low
noise mode)
Vsync = 0V, no load,
VFB > 0.6V
200
300
µA
Vsync = 0V, no load,
VFB > 0.6V
(1)
300
Quiescent current (low
cunsumption mode)
Vsync = Vcc, no load,
VFB > 0.6V
(1)
25
50
µA
Ish
Shutdown current
RUN to GND, Vcc = 5.5V
0.2
µA
Ilx
LX leakage current (2)
RUN to GND, VLX = 5.5V,
Vcc = 5.5V
1
µA
RUN to GND, VLX = 0V,
Vcc = 5.5V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com