Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L7915C Datasheet(PDF) 22 Page - STMicroelectronics

Part # L7915C
Description  Negative voltage regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7915C Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L7915C Datasheet HTML 16Page - STMicroelectronics L7915C Datasheet HTML 17Page - STMicroelectronics L7915C Datasheet HTML 18Page - STMicroelectronics L7915C Datasheet HTML 19Page - STMicroelectronics L7915C Datasheet HTML 20Page - STMicroelectronics L7915C Datasheet HTML 21Page - STMicroelectronics L7915C Datasheet HTML 22Page - STMicroelectronics L7915C Datasheet HTML 23Page - STMicroelectronics L7915C Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Order code
L7900 series
22/24
7
Order code
Table 13.
Order code
Part numbers
Packaging
TO-220
(A Type)
D2PAK
TO-220FP
TO-3
OUT. VOLT.
L7905C
L7905CV
L7905CD2T-TR
L7905CP
L7905CT(1)
-5 V
L7906C
L7906CV
L7906CD2T-TR
L7906CP(1)
L7906CT(1)
-6 V
L7908C
L7908CV
L7908CD2T-TR
L7908CP(1)
L7908CT(1)
-8 V
L7912C
L7912CV
L7912CD2T-TR
L7912CP
L7912CT(1)
-12 V
L7915C
L7915CV
L7915CD2T-TR
L7915CP
L7915CT
-15 V
L7918C
L7918CV
L7918CD2T-TR(1)
1.
Available on Request.
L7918CP(1)
L7918CT(1)
-18 V
L7920C
L7920CV
L7920CD2T-TR(1)
L7920CP(1)
L7920CT(1)
-20 V
L7924C
L7924CV
L7924CD2T-TR(1)
L7924CP(1)
L7924CT
-24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com