Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC191 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC191
Description  SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC191 Datasheet(HTML) 2 Page - Texas Instruments

  CD54HC191 Datasheet HTML 1Page - Texas Instruments CD54HC191 Datasheet HTML 2Page - Texas Instruments CD54HC191 Datasheet HTML 3Page - Texas Instruments CD54HC191 Datasheet HTML 4Page - Texas Instruments CD54HC191 Datasheet HTML 5Page - Texas Instruments CD54HC191 Datasheet HTML 6Page - Texas Instruments CD54HC191 Datasheet HTML 7Page - Texas Instruments CD54HC191 Datasheet HTML 8Page - Texas Instruments CD54HC191 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
CD54HC190, CD74HC190
CD54HC191, CD74HC191, CD54HCT191, CD74HCT191
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
SCHS275E − MARCH 2002 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description/ordering information (continued)
When an overflow or underflow of the counter occurs, the MAX/MIN output, which is low during counting, goes
high and remains high for one clock cycle. This output can be used for look-ahead carry in high-speed cascading
(see Figure 1). The MAX/MIN output also initiates the ripple clock (RCO) output, which normally is high, goes
low, and remains low for the low-level portion of the clock pulse. These counters can be cascaded using RCO
(see Figure 2).
If a decade counter is preset to an illegal state or assumes an illegal state when power is applied, it returns to
the normal sequence in one or two counts, as shown in the state diagrams (see Figure 3).
FUNCTION TABLE
INPUTS
FUNCTION
LOAD
CTEN
D/U
CLK
FUNCTION
H
L
L
Count up
H
L
H
Count down
L
X
X
X
Asynchronous preset
H
H
X
X
No change
D/U or CTEN should be changed only when clock is high.
X = Don’t care
Low-to-high clock transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com