Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX706ASESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX706ASESA
Description  3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX706ASESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX706ASESA Datasheet HTML 4Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 5Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 6Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 7Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 8Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 9Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 10Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 11Page - Maxim Integrated Products MAX706ASESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
+3V Voltage Monitoring, Low-Cost µP
Supervisory Circuits
8
_______________________________________________________________________________________
WDO can be connected to the nonmaskable interrupt
(NMI) input of a µP. When VCC drops below the reset
threshold, WDO immediately goes low, even if the
watchdog timer has not timed out (Figure 3). Normally,
this would trigger an NMI, but since reset is asserted
simultaneously, the NMI is overridden. The WDO
should not be connected to RESET directly. Instead,
connect WDO to MR to generate a reset pulse when it
times out.
Manual Reset
The manual reset (MR) input allows RESET and RESET
to be activated by a pushbutton switch. The switch is
effectively debounced by the 140ms minimum reset
pulse width. MR can be driven by an external logic line
since it is TTL/CMOS compatible. The minimum MR
input pulse width is 500ns when VCC = +3V and 150ns
when VCC = +5V. Leave MR unconnected or connect
to VCC when not used.
Power-Fail Comparator
The power-fail comparator can be used for various pur-
poses because its output and noninverting input are
not internally connected. The inverting input is internally
connected to a 1.25V reference. The power-fail com-
parator has 10mV of hysteresis, which prevents repeat-
ed triggering of the power-fail output (PFO).
tRST
tRST
+3.3V
0V
+3.3V
+1V
0V
RESET
RESET
WDO*
+3.3V
0V
MR*
tMR
*NOTE: MR EXTERNALLY DRIVEN LOW.
WDO TIMING SHOWN FOR MAX706P/R/S/T.
+3.3V
0V
VCC
VRST
VRST
tMD
tWP
tWD
tWD
tWD
+3V/+3.3V
0V
WDI
+3V/+3.3V
0V
WDO
+3V/+3.3V
0V
RESET
tRST
RESET EXTERNALLY
TRIGGERED BY MR
MAX706_
MAX708R/S/T
RESET
(RESET)
130kΩ
1%
PARAMETER
MIN
TYP
MAX
UNIT
+12V RESET
THRESHOLD AT +25°C
10.24
10.87
11.50
V
1MΩ
1%
+3V/+3.3V
+12V
VCC
PFI
( ) ARE FOR MAX706P/AP
GND
MR
PFO
TO µP
MAX706R/S/T
MAX708R/S/T
MAX706AR/AS/AT
RESET
R1
Figure 4. MAX706AP/AR/AS/AT Watchdog Timing
Figure 3. RESET, RESET, MR, and WDO Timing
Figure 5. Monitoring Both +3V/+3.3V and +12V
Figure 6. RESET Valid to GND Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com