Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T81 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M41T81
Description  Serial access Real-Time Clock with alarm
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T81 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M41T81_06 Datasheet HTML 13Page - STMicroelectronics M41T81_06 Datasheet HTML 14Page - STMicroelectronics M41T81_06 Datasheet HTML 15Page - STMicroelectronics M41T81_06 Datasheet HTML 16Page - STMicroelectronics M41T81_06 Datasheet HTML 17Page - STMicroelectronics M41T81_06 Datasheet HTML 18Page - STMicroelectronics M41T81_06 Datasheet HTML 19Page - STMicroelectronics M41T81_06 Datasheet HTML 20Page - STMicroelectronics M41T81_06 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
M41T81
Clock operation
17/30
3.4
Setting alarm clock registers
Address locations 0Ah-0Eh contain the alarm settings. The alarm can be configured to go
off at a prescribed time on a specific month, date, hour, minute, or second or repeat every
year, month, day, hour, minute, or second. It can also be programmed to go off while the
M41T81 is in the battery back-up mode to serve as a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode of operation. Table 3 on page 18 shows
the possible configurations. Codes not listed in the table default to the once per second
mode to quickly alert the user of an incorrect alarm setting.
When the clock information matches the alarm clock settings based on the match criteria
defined by RPT5-RPT1, the AF (Alarm Flag) is set. If AFE (Alarm Flag Enable) is also set
(and SQWE is '0.'), the alarm condition activates the IRQ/FT/OUT/SQW pin.
Note:
If the address pointer is allowed to increment to the Flag Register address, an alarm
condition will not cause the Interrupt/Flag to occur until the address pointer is moved to a
different address. It should also be noted that if the last address written is the “Alarm
Seconds,” the address pointer will increment to the Flag address, causing this situation to
occur.
The IRQ/FT/OUT/SQW output is cleared by a READ to the Flags Register as shown in
Figure 12. A subsequent READ of the Flags Register is necessary to see that the value of
the Alarm Flag has been reset to '0.'
The IRQ/FT/OUT/SQW pin can also be activated in the battery back-up mode. The
IRQ/FT/OUT/SQW will go low if an alarm occurs and both ABE (Alarm in Battery Back-up
Mode Enable) and AFE are set. Figure 13 illustrates the back-up mode alarm timing.
Figure 12.
Alarm interrupt reset waveform
IRQ/FT/OUT/SQW
ACTIVE FLAG
0Fh
0Eh
10h
HIGH-Z
AI04617



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com