Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040ANB5P Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50FLW040ANB5P
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040ANB5P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50FLW040ANB5P Datasheet HTML 17Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 18Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 19Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 20Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 21Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 22Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 23Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 24Page - STMicroelectronics M50FLW040ANB5P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
M50FLW040A, M50FLW040B
Bus operations
21/64
Table 6.
FWH bus read field definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
FWH0-
FWH3
Memory
I/O
Description
1
1
START
1101b
I
On the rising edge of CLK with FWH4 Low, the contents
of FWH0-FWH3 indicate the start of a FWH Read cycle.
2
1
IDSEL
XXXX
I
Indicates which FWH Flash Memory is selected. The
value on FWH0-FWH3 is compared to the IDSEL
strapping on the FWH Flash Memory pins to select
which FWH Flash Memory is being addressed.
3-9
7
ADDR
XXXX
I
A 28-bit address is transferred, with the most significant
nibble first. For the multi-byte read operation, the least
significant bits (MSIZE of them) are treated as Don't
Care, and the read operation is started with each of
these bits reset to 0. Address lines A19-21 and A23-27
are treated as Don’t Care during a normal memory
array access, with A22=1, but are taken into account for
a register access, with A22=0. (See Table 15)
10
1
MSIZE
XXXX
I
This one clock cycle is driven by the host to determine
the number of Bytes that will be transferred.
M50FLW040 supports: single Byte transfer (0000b), 2-
Byte transfer (0001b), 4-Byte transfer (0010b), 16-Byte
transfer (0100b) and 128-Byte transfer (0111b).
11
1
TAR
1111b
I
The host drives FWH0-FWH3 to 1111b to indicate a
turnaround cycle.
12
1
TAR
1111b
(float)
O
The FWH Flash Memory takes control of FWH0-FWH3
during this cycle.
13-14
2
WSYNC 0101b
O
The FWH Flash Memory drives FWH0-FWH3 to 0101b
(short wait-sync) for two clock cycles, indicating that the
data is not yet available. Two wait-states are always
included.
15
1
RSYNC 0000b
O
The FWH Flash Memory drives FWH0-FWH3 to 0000b,
indicating that data will be available during the next
clock cycle.
16-17
M=2n
DATA
XXXX
O
Data transfer is two CLK cycles, starting with the least
significant nibble. If multi-Byte read operation is
enabled, repeat cycle-16 and cycle-17 n times, where
n= 2MSIZE.
previous
+1
1
TAR
1111b
O
The FWH Flash Memory drives FWH0-FWH3 to 1111b
to indicate a turnaround cycle.
previous
+1
1TAR
1111b
(float)
N/A
The FWH Flash Memory floats its outputs, the host
takes control of FWH0-FWH3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com