Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FLW040AN5P Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50FLW040AN5P
Description  4-Mbit (5 횞 64 Kbyte blocks 3 횞 16 횞 4 Kbyte sectors) 3-V supply Firmware Hub / low-pin count Flash memory
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FLW040AN5P Datasheet(HTML) 1 Page - STMicroelectronics

  M50FLW040AN5P Datasheet HTML 1Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 2Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 3Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 4Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 5Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 6Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 7Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 8Page - STMicroelectronics M50FLW040AN5P Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
October 2006
Rev 6
1/64
1
M50FLW040A
M50FLW040B
4-Mbit (5 × 64 Kbyte blocks + 3 × 16 × 4 Kbyte sectors)
3-V supply Firmware Hub / low-pin count Flash memory
Feature summary
■
Flash memory
– Compatible with either the LPC interface or
the FWH interface (Intel Spec rev1.1) used
in PC BIOS applications
– 5 Signal Communication Interface
supporting Read and Write Operations
– 5 Additional General Purpose Inputs for
platform design flexibility
– Synchronized with 33MHz PCI clock
■
8 blocks of 64 Kbytes
– 5 blocks of 64 KBytes each
– 3 blocks, subdivided into 16 uniform
sectors of 4 KBytes each
Two blocks at the top and one at the bottom
(M50FLW040A)
One block at the top and two at the bottom
(M50FLW040B)
■
Enhanced security
– Hardware Write Protect Pins for Block
Protection
– Register-based Read and Write Protection
■
Supply voltage
–VCC = 3 to 3.6V for Program, Erase and
Read Operations
–VPP = 12V for Fast Program and Erase
■
Two interfaces
– Auto Detection of Firmware Hub (FWH) or
Low Pin Count (LPC) Memory Cycles for
Embedded Operation with PC Chipsets
– Address/Address Multiplexed (A/A Mux)
Interface for programming equipment
compatibility.
■
Programming time: 10 µs typical
■
Program/Erase Controller
– Embedded Program and Erase algorithms
– Status Register Bits
■
Program/Erase Suspend
– Read other Blocks/Sectors during Program
Suspend
– Program other Blocks/Sectors during Erase
Suspend
■
Electronic signature
– Manufacturer Code: 20h
– Device Code (M50FLW040A): 08h
– Device Code (M50FLW040B): 28h
■
Packages
– ECOPACK® (RoHS compliant)
TSOP32 (NB)
8 x 14mm
PLCC32 (K)
TSOP40 (N)
10 x 20mm
www.st.com


Similar Part No. - M50FLW040AN5P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50FLW040AN5P STMICROELECTRONICS-M50FLW040AN5P Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
More results

Similar Description - M50FLW040AN5P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
64-MBIT (8M 횞 8 BITS / 4M 횞 16 BITS) CMOS FLASH MEMORY
logo
ATMEL Corporation
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
4-megabit Firmware Hub and Low-Pin Count Flash Memory
logo
STMicroelectronics
M50FLW080A STMICROELECTRONICS-M50FLW080A Datasheet
534Kb / 64P
8 Mbit (13 x 64KByte Blocks 3 x 16 x 4KByte Sectors), 3V Supply Firmware Hub / Low Pin Count Flash Memory
26-Oct-2006
M50FLW040A STMICROELECTRONICS-M50FLW040A Datasheet
857Kb / 52P
4 Mbit (5 x 64KByte Blocks 3 x 16 x 4KByte Sectors) 3V Supply Firmware Hub / Low Pin Count Flash Memory
18-Aug-2004
M50FW040 STMICROELECTRONICS-M50FW040_06 Datasheet
414Kb / 53P
4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
24-Oct-2006
logo
Cypress Semiconductor
CY62187EV30 CYPRESS-CY62187EV30_11 Datasheet
531Kb / 14P
64-Mbit (4 M 횞 16) Static RAM
CY7C1081DV33 CYPRESS-CY7C1081DV33_12 Datasheet
276Kb / 12P
64-Mbit (4 M 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30_12 Datasheet
270Kb / 15P
64-Mbit (4 M 횞 16) Static RAM
S29AL008J CYPRESS-S29AL008J Datasheet
744Kb / 50P
8-Mbit (1M 횞 8-Bit/512K 횞 16-Bit), 3 V, Boot Sector Flash
S29JL064J CYPRESS-S29JL064J Datasheet
725Kb / 60P
64-Mbit (8M 횞 8-Bit/4M 횞 16-Bit), 3 V,Simultaneous Read/Write Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com